Electronic Components Datasheet Search
  English  ▼

X  

MAX15095 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15095
Description  2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15095 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15095 Datasheet HTML 1Page - Maxim Integrated Products MAX15095 Datasheet HTML 2Page - Maxim Integrated Products MAX15095 Datasheet HTML 3Page - Maxim Integrated Products MAX15095 Datasheet HTML 4Page - Maxim Integrated Products MAX15095 Datasheet HTML 5Page - Maxim Integrated Products MAX15095 Datasheet HTML 6Page - Maxim Integrated Products MAX15095 Datasheet HTML 7Page - Maxim Integrated Products MAX15095 Datasheet HTML 8Page - Maxim Integrated Products MAX15095 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: All devices are 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: 41.2kΩ is the maximum allowed external resistance value to be connected at the CB pin to GND for safe operation over the
full 2.7V to 18V VIN range. The parameter specified at RCB = 41.2kΩ is guaranteed by bench characterization and correla-
tion, with respect to the tested parameter at RCB = 10.5kΩ. The formula that describes the relationship between RCB and
the circuit-breaker current threshold is: ICB = (RCB/5920) - (VIN/33).
Note 3: The CB resistance can be increased to 46.4kΩ if VIN is between 2.7V and 3.6V, with operating current of 6.6A for no longer
than 500ms. Do not exceed 6A continuous current.
Note 4: Guaranteed by design and not production tested.
Note 5: The current-limit slow-comparator response time is weighed against the amount of overcurrent so the higher the
overcurrent condition, the faster the response time.
Note 6: Foldback is active during the startup phase so the internal power MOSFET operates within SOA.
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +105°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 10.5kΩ, and
TA = +25°C.) (Note 1)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUTS
PG Output Low Voltage
VOL
Low-impedance state, IPG = +5mA
0.4
V
PG Output High-Leakage Current
IOH
High-impedance state, VPG = 16V
1
μA
DISCHARGE
Discharge Current After PG
Deasserted
IDISCHARGE
VOUT < 7.1V (MAX15095D only)
50
100
160
mA
VOUT ≥ 7.1V to 18V
(MAX15095D only)
710mW/
VOUT
PG THRESHOLD
PG Threshold
VPG
VIN = 12V
0.9 x
VIN
V
PG Assertion Delay
tPG
From VOUT > VPG and
VGATE - VOUT > 3V
12
16
20
ms
OUT-to-IN Short-Circuit Detection
Threshold
VIOSHT
Measured at VOUT
0.9 x
VIN
V
OUT Preload Threshold
VPL
Measured at VOUT
0.5 x
VIN
V
INPUTS
Input Logic Threshold EN
VEN_TH
Rising
0.95
1
1.05
V
Threshold Hysteresis EN
VEN_TH_HYS Falling
50
mV
Input Logic Threshold PRSNT
VPRSNT_TH
Falling
0.92
0.97
1.02
V
Threshold Hysteresis PRSNT
VPRSNT_TH_HYS Rising
50
mV
EN Bias Current
IEN_BIAS
VEN = 0 or 5.5V
1
μA
PRSNT
Input Bias Current
IPRSNT_BIAS VPRSNT = 0 or 18V
1
μA
EN Deglitch Time
tEN_DEG
100
μs
PRSNT
High-to-Low Deglitch Time
tPRSNT_DEG
400
μs
THERMAL SHUTDOWN
Thermal Shutdown
TSD
TJ rising
145
°C
Thermal Shutdown Hysteresis
TJ falling
125
°C
MAX15095/MAX15095A/
MAX15095D
2.7V to 18V, 6.6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com