Electronic Components Datasheet Search
  English  ▼

X  

MAX9990 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9990
Description  14dBm to 20dBm LO Buffers with 짹1dB Variation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9990 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9990 Datasheet HTML 1Page - Maxim Integrated Products MAX9990 Datasheet HTML 2Page - Maxim Integrated Products MAX9990 Datasheet HTML 3Page - Maxim Integrated Products MAX9990 Datasheet HTML 4Page - Maxim Integrated Products MAX9990 Datasheet HTML 5Page - Maxim Integrated Products MAX9990 Datasheet HTML 6Page - Maxim Integrated Products MAX9990 Datasheet HTML 7Page - Maxim Integrated Products MAX9990 Datasheet HTML 8Page - Maxim Integrated Products MAX9990 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+14dBm to +20dBm LO Buffers
with ±1dB Variation
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2, VCC3, VCCREF to GND .................-0.3V to +6.0V
IN to GND ...................................................-0.3V to (VCC + 0.3V)
OUTLO, OUTPLL to GND...........................-0.3V to (VCC + 0.3V)
REF to GND ......................................................Source/Sink 5mA
INBIAS, OUTBIAS to GND...................................-0.3V to +0.75V
PLLBIAS ......................................................................Sink 25mA
RF Input Power ...............................................................+20dBm
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN (derate 21mW/°C above +70°C) ....1667mW
θJA .................................................................................+48°C/W
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS—MAX9989
(Typical Application Circuit, VCC = 4.75V to 5.25V, input and outputs terminated in 50
Ω, TA = -40°C to +85°C. Typical specifications
are for VCC = 5.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Low power setting
(see Table 1 for resistor values)
77
Nominal power setting
(R2–R5 not installed) (Note 2)
94
105
116
Supply Current
ICC
High power setting
(see Table 1 for resistor values)
146
mA
DC ELECTRICAL CHARACTERISTICS—MAX9990
(Typical Application Circuit, VCC = 4.75V to 5.25V, input and outputs terminated in 50
Ω, TA = -40°C to +85°C. Typical specifications
are for VCC = 5.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Low power setting
(see Table 1 for resistor values)
87
Nominal power setting
(R2–R5 not installed) (Note 2)
98
111
122
Supply Current
ICC
High power setting
(see Table 1 for resistor values)
154
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com