Electronic Components Datasheet Search
  English  ▼

X  

VHB200W Datasheet(PDF) 3 Page - CUI INC

Part # VHB200W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB200W Datasheet(HTML) 3 Page - CUI INC

  VHB200W Datasheet HTML 1Page - CUI INC VHB200W Datasheet HTML 2Page - CUI INC VHB200W Datasheet HTML 3Page - CUI INC VHB200W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHB200W │ DESCRIPTION: DC-DC CONVERTER
date 03/04/2021
│ page 3 of 4
57.90 2.280
50.80 2.000
(2 PLCS)
15.24 0.600
(2 PLCS)
35.56 1.400
(2 PLCS)
61.00 2.402
48.25
M3x0.5 through
(4 PLCS)
4
3
2
1
5
6
7
8
9
2.03 0.080
(4 PLCS)
1.02 0.040
(5 PLCS)
13.200.520
4.60 0.181
BOTTOM VIEW
MECHANICAL DRAWING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
see derating curve
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
On/Off
3
CASE
4
-Vin
5
-Vo
6
-S
7
TRIM
8
+S
9
+Vo
Bottom View
All dimensions in mm(inches)
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
57.9 x 61.0 x 13.2 (2.28 x 2.40 x 0.52 inch)
mm
case material
aluminum baseplate with plastic case
weight
114
g
DERATING CURVE
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com