Electronic Components Datasheet Search
  English  ▼

X  

PBL Datasheet(PDF) 2 Page - Schurter Inc.

Part # PBL
Description  LED Holder angled with 3 mm LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PBL Datasheet(HTML) 2 Page - Schurter Inc.

  PBL Datasheet HTML 1Page - Schurter Inc. PBL Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Indicators
PBL
https://www.schurter.com /PG10
Switches
Dimension [mm]
10.5
4
0.5
5
4.1
14.2
3.7
Diagrams
All Variants
Color LED
Order Number
red
0035.7022
█
green
0035.7023
█
yellow
0035.7024
█
█ Most Popular.
Availability for all products can be searched
real-time:https://www.schurter.com/en/Stock-
Check/Stock-Check-SCHURTER
Packaging unit
100 pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com