Electronic Components Datasheet Search
  English  ▼

X  

HD2-DM-A.RO Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HD2-DM-A.RO
Description  Fieldbus Power Hub, Advanced Diagnostic Module with Relay Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HD2-DM-A.RO Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HD2-DM-A.RO Datasheet HTML 1Page - Pepperl+Fuchs Inc. HD2-DM-A.RO Datasheet HTML 2Page - Pepperl+Fuchs Inc. HD2-DM-A.RO Datasheet HTML 3Page - Pepperl+Fuchs Inc. HD2-DM-A.RO Datasheet HTML 4Page - Pepperl+Fuchs Inc. HD2-DM-A.RO Datasheet HTML 5Page - Pepperl+Fuchs Inc. HD2-DM-A.RO Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Indicators/operating means
LED PRI PWR
green: on, primary bulk power supply connected
LED SEC PWR
green: on, secondary bulk power supply connected
LED Seg 1...4
yellow: bus activity; yellow 2 Hz flashing: Maintenance required; red 2 Hz flashing:
specification limit violated; red: hardware error
Fault signal
VFC alarm 1 A, 50 V DC, normally closed
DIP switch
fieldbus type , redundant supply , Signal level , Noise level , Jitter
Galvanic isolation
Fieldbus segment/Fieldbus segment
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Standard conformity
Electromagnetic compatibility
NE 21:2011
Degree of protection
IEC 60529
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Ambient conditions
Ambient temperature
-40 ... 70 °C (-40 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
< 95 % non-condensing
Shock resistance
15 g 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Pollution degree
max. 2, according to IEC 60664
Corrosion resistance
acc. to ISA-S71.04-1985, severity level G3
Mechanical specifications
Connection type
motherboard specific
Core cross-section
motherboard specific
Housing material
Polycarbonate
Housing width
18 mm
Housing height
106 mm
Housing depth
128 mm
Degree of protection
IP20
Mass
approx. 100 g
Mounting
motherboard mounting
Data for application in connection with hazardous areas
Certificate
TÜV 04 ATEX 2500 X
Marking
1
II 3 G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
FM approval
FM certificate
FM 19 US 0015 X and FM 19 CA 0011 X
FM marking
AEx/Ex ec IIC T4
IECEx approval
IECEx certificate
IECEx TUN 13.0038X
IECEx marking
Ex nA IIC T4 Gc
Certificates and approvals
Marine approval
DNV A-14038
Patents
This product may be covered by the following patent: US7,698,103
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
HD2-DM-A.RO
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com