Electronic Components Datasheet Search
  English  ▼

X  

VC-400 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-400
Description  Voltage Controlled Crystal Oscillators (VCXO?셲)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-400 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-400 Datasheet HTML 1Page - Vectron International, Inc VC-400 Datasheet HTML 2Page - Vectron International, Inc VC-400 Datasheet HTML 3Page - Vectron International, Inc VC-400 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
21
Voltage Controlled Crystal Oscillators (VCXO’s)
NOTES:
1. Pin numbers are for reference only.
They do not appear on the unit.
2. Dimensions are in inches and (millimeters).
NOTES:
1. Pin numbers are for reference only.
They do not appear on the unit.
2. Dimensions are in inches and (millimeters).
*Pin 9 present only on complementary
output units. Requires 5 pin base.
PIN
FUNCTION
PECL
ECL
1
VCXO
VCXO
7
GROUND
SUPPLY(-)
8
OUTPUT Q
Q
9*
OUTPUT Q
Q
14
SUPPLY(+)
GND
CO-410/411 Outline Drawing
VC-400/401 Outline Drawing
VC-400/401/410/411 Series
Pin Out Information
*Pin 9 present only on complementary
output units. Requires 5 pin base.
PIN
FUNCTION
PECL
ECL
1
VCXO
VCXO
7
GROUND
SUPPLY(-)
8
OUTPUT Q
Q
9*
OUTPUT Q
Q
14
SUPPLY(+)
GND
Pin Out Information
VC-400: 4 pin
VC-401: 5 pin
VC-410: 4 pin
VC-411: 5 pin
VCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com