Electronic Components Datasheet Search
  English  ▼

X  

VC-715 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-715
Description  LVPECL Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-715 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-715 Datasheet HTML 1Page - Vectron International, Inc VC-715 Datasheet HTML 2Page - Vectron International, Inc VC-715 Datasheet HTML 3Page - Vectron International, Inc VC-715 Datasheet HTML 4Page - Vectron International, Inc VC-715 Datasheet HTML 5Page - Vectron International, Inc VC-715 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VC-715 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 6
Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
19.440
77.76
MHz
Supply Voltage (+3.3 V)
VDD
3.135
3.30
3.465
V
Supply Current
IDD
<65
mA
Output Logic Levels
Output Logic High
0 / 70 ºC
Output Logic Low
0 / 70 ºC
Output Logic High
-40 / 85 ºC
Output Logic Low
-40 / 85 ºC
VOH
VOL
VOH
VOL
VDD -1.025
VDD -1.810
VDD -1.085
VDD -1.830
VDD -0.880
VDD -1.620
VDD -0.880
VDD -1.555
V
V
V
V
Transition Times
Rise Time
Fall Time
tR
tF
1
1
ns
ns
Symmetry or Duty Cycle
SYM
45
50
55
%
Operating temperature
0/70 or –40/85
°C
Test Conditions for APR
VC
0.3
3.0
V
Absolute Pull Range
APR
± 50
ppm
Gain Transfer
Positive
ppm/V
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Input Leakage, Control Voltage Input
±1
uA
Package Size
5.0 x 7.5 x 2.0
mm
Figure 1 Production Test Circuit
Figure 1. Test Circuit ( 3.3 v)
1
2
3
6
5
4
50Ω
50Ω
Test Circuit Notes:
1) To Permit 50
Ω Measurement of Outputs, all DC Inputs are Biased Down 1.3V.
2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
3) 50Ω Terminations are Within Test Equipment.
(-1.3V to +2V)
( > 0.975V, Open)
(-1.3V)
(+2V)
COutput
Output
Disable, Enable
VOL
50%
VOH
80%
20%
tR
tF
tA
tB
SYM = 100 x tA / tB
Figure 2. PECL Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com