Electronic Components Datasheet Search
  English  ▼

X  

LTC3312SA Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3312SA
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SA Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3312SA Datasheet HTML 19Page - Analog Devices LTC3312SA Datasheet HTML 20Page - Analog Devices LTC3312SA Datasheet HTML 21Page - Analog Devices LTC3312SA Datasheet HTML 22Page - Analog Devices LTC3312SA Datasheet HTML 23Page - Analog Devices LTC3312SA Datasheet HTML 24Page - Analog Devices LTC3312SA Datasheet HTML 25Page - Analog Devices LTC3312SA Datasheet HTML 26Page - Analog Devices LTC3312SA Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC3312SA
23
Rev. 0
For more information www.analog.com
High Temperature Considerations
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LTC3312SA. Connect the
exposed pad on the bottom of the package to a large
unbroken ground plane under the application circuit on
the layer closest to the surface layer. Place many vias to
minimize thermal and electrical impedance. Solder the
PGND pins directly to a ground plane on the top layer.
Connect the top layer ground plane to ground plane(s)
on lower levels with many thermal vias. These layers will
spread heat dissipated by the LTC3312SA. Figure 6 is a
simplified thermal representation of a thermally enhanced
LQFN package with exposed pad, with the silicon die and
thermal metrics identified. The current source represents
power loss PD on the die; node voltages represent tem-
peratures; electrical impedances represent conductive
thermal impedances θJCBOTTOM, θJCTOP, θVIA, θCB, and
convective thermal impedances θBA and θCA. The junction
temperature, TJ, is calculated from the ambient tempera-
ture, TA, as given by Equation 14.
TJ = TA +PD • θJA
(14)
where, neglecting the θJCTOP + θCA path.
θJA≈θJCBOTTOM+
θCB+θBA
2
⎛
⎝⎜
⎞
⎠⎟ !
θCB+θBA
2
+θVIA
⎛
⎝⎜
⎞
⎠⎟ (15)
where θJCBOTTOM = 4.0°C/W. The value of θJA = 23°C/W
reported in the Pin Configuration section corresponds to
the demo board.
θJCBOTTOM
θJCTOP
θCA
θCB
θCB
θCB
θCB
θVIA
θBA
θBA
θBA
θBA
PCB
LQFN
TJ
TA
TA
TA
TA
PD
PCB
TA
TCTOP
3312SA F06
DIE
PACKAGE
SUBSTRATE
Figure 6. Multi-Layer PCB with Thermal Vias Acts as a Heat Sink
The low value of θJCBOTTOM means that θJA will be
dominated by (θCB + θBA) and θVIA. Minimize θVIA by
including a large number of low thermal resistance vias
from the top layer ground plane to ground plane(s) on
lower levels, close to the exposed paddle of the part.
Minimize (θCB + θBA) by having more ground planes that
are larger, uninterrupted, and higher copper-weight. See
the Application Note, Application Notes for Thermally
Enhanced Leaded Plastic Packages, for the proper size
and layout of the thermal vias and solder stencils. The
maximum load current should be derated as the ambient
temperature approaches the maximum junction rating.
Power dissipation within the LTC3312SA is estimated by
calculating the total power loss from an efficiency mea-
surement and subtracting the inductor loss.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com