Electronic Components Datasheet Search
  English  ▼

X  

LTC3310S Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3310S
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310S Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3310S Datasheet HTML 17Page - Analog Devices LTC3310S Datasheet HTML 18Page - Analog Devices LTC3310S Datasheet HTML 19Page - Analog Devices LTC3310S Datasheet HTML 20Page - Analog Devices LTC3310S Datasheet HTML 21Page - Analog Devices LTC3310S Datasheet HTML 22Page - Analog Devices LTC3310S Datasheet HTML 23Page - Analog Devices LTC3310S Datasheet HTML 24Page - Analog Devices LTC3310S Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3312SA
21
Rev. 0
For more information www.analog.com
SSTT to AGND to set the soft-start time, calculated using
Equation 11.
tSS = CSS • 500mV/4µA
(11)
From 0V to 0.5V, the SSTT voltage will override the inter-
nal 0.5V reference input to the error amplifier, thus regu-
lating the FB pin voltage to that of the SSTT pin. When
SSTT is above 0.5V, tracking is disabled, and the feedback
voltage will regulate to the internal reference voltage.
An alternative is to connect an SSTT pin to AVIN, which
selects an internally-set 1ms default soft-start time for
that buck regulator.
An active pull-down circuit is connected to either the SSTT
pin, or to the internal soft-start node if SSTT is connected
high. This is used to discharge it in the case of fault con-
ditions. The soft-start ramp will restart when the fault is
cleared. Fault conditions that clear the soft-start voltage
ramp are the EN pin transitioning low, VIN voltage falling
too low, or thermal shutdown.
Figure 2 (above) and Figure 3 (below) show examples for
some of the ways to control power-up sequencing using
the EN, SSTT and PGOOD pins.
LTC3312SA
PGOOD1
500k
PGOOD
EN1
VIN
TIME
ENABLE
VOUT1
VOUT2
EN2
PGOOD2
3312SA F03a
(a) Sequential Voltage Power-Up
LTC3312SA
SSTT1
C1
C1
C2
EN1
EN2
TIME
ENABLE
VOUT1
VOUT1
VOUT2
VOUT2
SSTT2
=
•
3312SA F03b
(b) Tracking Voltage Power-Up
Figure 3. Power-Up Sequencing
Temperature Monitor
After the soft-start cycle has completed and the output
power good flag is high, the SSTT pin voltages are set to a
PTAT (proportional to absolute temperature) voltage. The
following procedure can be used to accurately measure
the die junction temperature:
1. Measure the ambient temperature (TA), and one of the
SSTT pin voltages (VSSTT), when both buck regulators
are unloaded. Calculate an accurate slope for the tem-
perature sensing circuit using Equation 12.
Slope (V /°K)=
VSSTT
TA +273
(12)
2. The calibrated slope can then be used to accurately
determine the die temperature for any load or ambient
conditions using Equation 13.
TJDIE(°C)=
VSSTT
Slope
−273
(13)
When an output voltage goes out of regulation or is
disabled, and the PGOOD pin is pulled low, the corre-
sponding SSTT pin no longer reports the temperature.
0
DIE TEMP
(°C)
VFB
(V)
150
0.1
125
75
0.6
0.3
100
50
0.5
25
0.4
0.2
0
0.5
1.5
0.6
1.6
0.3
1.3
3312SA F04
1.7
0.4
1.4
0.2
1.2
0.1
SSTT (V)
TEMP
MONITOR
~4mV/°C
SSTT PIN VOLTAGE
OPERATING RANGE
SOFT-START
AND TRACKING
Figure 4. Soft-Start and Temperature Monitor Operation
PCB Layout Considerations
The LTC3312SA is a high performance IC designed for
high efficiency and fast transient response. For optimal
results carefully consider the layout of the PCB board
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com