Electronic Components Datasheet Search
  English  ▼

X  

FEF Datasheet(PDF) 1 Page - Schurter Inc.

Part # FEF
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEF Datasheet(HTML) 1 Page - Schurter Inc.

  FEF Datasheet HTML 1Page - Schurter Inc. FEF Datasheet HTML 2Page - Schurter Inc. FEF Datasheet HTML 3Page - Schurter Inc. FEF Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuseholder
FEF
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
Slotted cap
fingergrip
Slotted cap IP54
See below:
Approvals and Compliances
250 VAC · 3.2W/10A (VDE)10A (UL/CSA)
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 mm
Mounting
Panel mount, Front Side
Attachment
Fixing Nut
Terminal
Solder
Rated Voltage
250 VAC
Rated current
10 A (VDE), 10 A (UL/CSA)
Rated Power Acceptance IEC 3.2 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40 / IP54
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Cap
Thermoplastic, black, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
6.15 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Certification marks
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
≥ 10MΩ between life parts
(500 VDC: 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Admissible Torque on Fixing
Nut
max 1.2 Nm
Panel Thickness
max 7 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FEF
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40046093
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FEF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEF SCHURTER-FEF Datasheet
416Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
330Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP_V01 Datasheet
330Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
More results

Similar Description - FEF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23316P SCHURTER-23316P Datasheet
252Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FAF SCHURTER-FAF Datasheet
410Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, vertical, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
416Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FPG2 SCHURTER-FPG2_V01 Datasheet
364Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
FAF SCHURTER-FAF_V02 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
FIZ SCHURTER-FIZ_V03 Datasheet
317Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, 4 W / 16 A, IP 40 / IP 67
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com