Electronic Components Datasheet Search
  English  ▼

X  

MSMSI22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSMSI22
Description  Metal switch medium stroke, snap-in, Switching Voltage up to 250V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMSI22 Datasheet(HTML) 2 Page - Schurter Inc.

  MSMSI22 Datasheet HTML 1Page - Schurter Inc. MSMSI22 Datasheet HTML 2Page - Schurter Inc. MSMSI22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Metal Line Switches
MSM SI 22
https://www.schurter.com /PG70
Switches
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
MSM 22 SI
Ø1
8
COM NO NC
2.8
0.5
Ø
22
Ø
22.8
20
Ø25
Dimension
SI 22
Ø 22.3 +0.15
Drilling diagram
Assembly Instructions
Mounting diagram
The assembly becomes effective by the force fitting of the switch into the drilling
hole, whereas the O-ring will be displaced. After inserting the switch through the
drilling hole, the O-ring expands and the switch is fixed in the drilling hole.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com