Electronic Components Datasheet Search
  English  ▼

X  

542599 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 542599
Description  Shut off valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

542599 Datasheet(HTML) 1 Page - Festo Corporation.

  542599 Datasheet HTML 1Page - Festo Corporation. 542599 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shut off valve
MS4-EE-1/4-10V24-S-Z
Part number: 542599
Data sheet
Feature
Value
Structural design
Piston gate valve
Actuation type
Electrical
Exhaust air function
Without flow control option
Manual override
Non-detenting
Reset method
Mechanical spring
Type of control
Pilot-controlled
Symbol
00991008
Valve function
3/2, closed, monostable
Operating pressure
4 bar ... 10 bar
C value
9.5 l/sbar
b-value
0.44
Standard nominal flow rate
2000 l/min
Duty cycle
100%
Coil characteristics
24 V DC: 1.8 W
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
RoHS-compliant
Temperature of medium
-10 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
-10 °C ... 50 °C
For use in the food industry
See supplementary material information
Type of mounting
Optionally:
Line installation
With accessories
Mounting position
Any
Flow direction
Non-reversible
Product weight
289 g
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Pilot air supply port
Internal
Electrical connection
Form C
Plug
as per DIN EN 175301-803
Rectangular design
3/27/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 542599

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
542590 FESTO-542590 Datasheet
85Kb / 2P
Shut off valve
3/29/22
542591 FESTO-542591 Datasheet
86Kb / 2P
Shut off valve
3/29/22
542592 FESTO-542592 Datasheet
86Kb / 2P
Shut off valve
3/29/22
542593 FESTO-542593 Datasheet
86Kb / 2P
Shut off valve
3/29/22
542594 FESTO-542594 Datasheet
87Kb / 2P
Shut off valve
3/29/22
More results

Similar Description - 542599

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
532117 FESTO-532117 Datasheet
85Kb / 2P
Shut off valve
3/29/22
538749 FESTO-538749 Datasheet
81Kb / 2P
Shut off valve
3/29/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com