Electronic Components Datasheet Search
  English  ▼

X  

1942523 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1942523
Description  Printed-circuit board connector - FKC 2,5 HC/ 6-STF-5,08
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1942523 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1942523 Datasheet HTML 1Page - PHOENIX CONTACT 1942523 Datasheet HTML 2Page - PHOENIX CONTACT 1942523 Datasheet HTML 3Page - PHOENIX CONTACT 1942523 Datasheet HTML 4Page - PHOENIX CONTACT 1942523 Datasheet HTML 5Page - PHOENIX CONTACT 1942523 Datasheet HTML 6Page - PHOENIX CONTACT 1942523 Datasheet HTML 7Page - PHOENIX CONTACT 1942523 Datasheet HTML 8Page - PHOENIX CONTACT 1942523 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1942523
09/12/2020   Page 1 / 12
Printed-circuit board connector - FKC 2,5 HC/ 6-STF-5,08 - 1942523
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 16 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 6, pitch: 5.08 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
 Optimized for tight installation situations: operation and conductor connection from one direction
 Screwable flange for superior mechanical stability
 Quick and convenient testing using integrated test option
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918878382
Technical data
Item properties
Brief article description
PCB connector
Plug-in system
POWER COMBICON 2,5
Type of contact
Female connector
Range of articles
FKC 2,5 HC/..-STF
Pitch
5.08 mm
Number of positions
6
Connection method
Push-in spring connection
Locking
Screw flange


Similar Part No. - 1942523

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942520000 WEIDMULLER-1942520000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942520000 WEIDMULLER-1942520000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942520000 WEIDMULLER-1942520000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942520000 WEIDMULLER-1942520000 Datasheet
301Kb / 5P
SC 3.81/09/90F 3.2SN OR BX
More results

Similar Description - 1942523

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942413 PHOENIX-1942413 Datasheet
198Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 6-ST-5,08
1707942 PHOENIX-1707942 Datasheet
90Kb / 5P
Printed-circuit board connector - FKC 2,5/18-STF-5,08
1942361 PHOENIX-1942361 Datasheet
92Kb / 5P
Printed-circuit board connector - FKC 2,5 HC/12-STF
1910568 PHOENIX-1910568 Datasheet
82Kb / 5P
Printed-circuit board connector - FKC 2,5/ 6-STF
1942497 PHOENIX-1942497 Datasheet
106Kb / 5P
Printed-circuit board connector - FKC 2,5 HC/ 3-STF-5,08
1942510 PHOENIX-1942510 Datasheet
167Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 5-STF-5,08
1942277 PHOENIX-1942277 Datasheet
176Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 3-STF
09/12/2020
1942280 PHOENIX-1942280 Datasheet
176Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 4-STF
09/12/2020
1942536 PHOENIX-1942536 Datasheet
163Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 7-STF-5,08
09/12/2020
1942549 PHOENIX-1942549 Datasheet
163Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 8-STF-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com