Electronic Components Datasheet Search
  English  ▼

X  

BBF2803 Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # BBF2803
Description  20W DC-DC CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2803 Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

Back Button BBF2803 Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 9Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 10Page - M.S. Kennedy Corporation BBF2803 Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TYPICAL PERFORMANCE CURVES
Rev. E 12/04
9
BBF2803S
0.0
6.0
OUTPUT CURRENT, IOUT (A)
10
12
14
16
18
20
LOW LINE DROP OUT
2.0
4.0
10K
90K
60K
20K
30K 40K
TIME, t (500
µsec/DIV)
LOAD TRANSIENT RESPONSE 1000
µF
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
4.4
.55 1.1
2.2
3.3
5.5
SET POINT RESISTOR, RSP (Ω)
TIME, t (5msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
100 200 400
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K 2K
10K 20K
100K
–60
–80
3.3V
0V
0V
28V
VOUT
VIN
TEMP = 25
°C
40%
50%
56%
60%
64%
66%
67%
68%
69%
66%
70%
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
TEMP = 125
°C
40%
50%
60%
64%
66%
67%
68%
69%
70%
64%
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
4.4
1.1
.55
2.2
3.3
5.5
4.4
1.1
.55
2.2
3.3
5.5
TEMP =
–55
°C
30%
40%
50%
54%
58%
60%
62%
64%
65%
66%
67%
INCLUDES 1000
µF ON OUTPUT BUS
TIME, t (200
µsec/DIV)
TIME, t (200
µsec/DIV)
LOAD TRANSIENT RESPONSE 100
µF
LOAD = 5.5A
LOAD = 5.5A
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON
OUTPUT BUS
TIME, t (100
µsec/DIV)
LOAD TRANSIENT RESPONSE
5.5A
5.5A
5.5A
2.75A
2.75A
2.75A
VOUT
VOUT
VOUT
VIN
16V
40V
VOUT
IOUT
IOUT
IOUT
NO OUTPUT BUS CAPCITANCE
VIN = 28VDC
IOUT = 5.5 Amps
TEMP = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com