Electronic Components Datasheet Search
  English  ▼

X  

BBF2803H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # BBF2803H
Description  20W DC-DC CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2803H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  BBF2803H Datasheet HTML 1Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 2Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2803H Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NOTES:
Continuous operation above the absolute maximum ratings may adversly effect the device performance and/or life cycle.
EQUIVALENT SCHEMATIC
Isolated Step Down Power Supply
Microprocessor Power Source
Low Voltage Subsystem Power Source
TYPICAL APPLICATIONS
1
2
3
4
5
6
+Input
Shutdown Plus
Clock
Adjust/Comp
-Output
+Output
PIN-OUT INFORMATION
-Input
Timing 2
Timing 1
Case
-Sense
+Sense
12
11
10
9
8
7
-65°C to +150°C
300°C
See Efficiency Curve
150°C
6.5°C/W
ABSOLUTE MAXIMUM RATINGS
+50V
80V
5.5A
4.0A
1.9A
1.5A
-55°C to +125°C
-40°C to +85°C
Input Voltage (pin 7 to pin 6)
Input Transient (pin 7 to pin 6 @ 50mS)
Output Current
BBF2803S
BBF2805S
BBF2812S
BBF2815S
Case Temperature Range
BBF2800S H/E
BBF2800S
VIN
VINT
IOUT
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Thermal Resistance
(Switches)
TST
TLD
PD
TJ
θJC
Rev. E 12/04
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com