Electronic Components Datasheet Search
  English  ▼

X  

SIR184DP Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIR184DP
Description  N-Channel 60 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR184DP Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIR184DP Datasheet HTML 5Page - Vishay Siliconix SIR184DP Datasheet HTML 6Page - Vishay Siliconix SIR184DP Datasheet HTML 7Page - Vishay Siliconix SIR184DP Datasheet HTML 8Page - Vishay Siliconix SIR184DP Datasheet HTML 9Page - Vishay Siliconix SIR184DP Datasheet HTML 10Page - Vishay Siliconix SIR184DP Datasheet HTML 11Page - Vishay Siliconix SIR184DP Datasheet HTML 12Page - Vishay Siliconix SIR184DP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72599
www.vishay.com
Revision: 21-Jan-08
15
RECOMMENDED MINIMUM PADS FOR PowerPAK® SO-8 Single
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.260
(6.61)
0.024
(0.61)
0.150
(3.81)
0.050
(1.27)
0.032
(0.82)
0.040
(1.02)
0.026
(0.66)
Return to Index
Return to Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com