Electronic Components Datasheet Search
  English  ▼

X  

SIR186DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR186DP
Description  N-Channel 60 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR186DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR186DP Datasheet HTML 1Page - Vishay Siliconix SIR186DP Datasheet HTML 2Page - Vishay Siliconix SIR186DP Datasheet HTML 3Page - Vishay Siliconix SIR186DP Datasheet HTML 4Page - Vishay Siliconix SIR186DP Datasheet HTML 5Page - Vishay Siliconix SIR186DP Datasheet HTML 6Page - Vishay Siliconix SIR186DP Datasheet HTML 7Page - Vishay Siliconix SIR186DP Datasheet HTML 8Page - Vishay Siliconix SIR186DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiR186DP
www.vishay.com
Vishay Siliconix
S17-0669-Rev. A, 15-May-17
1
Document Number: 75426
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 60 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
• Very low RDS - Qg figure-of-merit (FOM)
• Tuned for the lowest RDS - Qoss FOM
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Synchronous rectification
• Primary side switch
•DC/DC converter
• Motor drive switch
Notes
a. Package limited
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 70 °C/W
g. TC = 25 °C
PRODUCT SUMMARY
VDS (V)
60
RDS(on) max. (
Ω) at VGS = 10 V
0.0045
RDS(on) max. (
Ω) at VGS = 7.5 V
0.0054
RDS(on) max. (
Ω) at VGS = 6 V
0.0078
Qg typ. (nC)
15.5
ID (A)
60 a, g
Configuration
Single
PowerPAK® SO-8 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK SO-8 Single
Lead (Pb)-free and halogen-free
SiR186DP-T1-RE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
60
V
Gate-source voltage
VGS
± 20
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
60 a
A
TC = 70 °C
60 a
TA = 25 °C
23 b, c
TA = 70 °C
18.4 b, c
Pulsed drain current (t = 100 μs)
IDM
150
Continuous source-drain diode current
TC = 25 °C
IS
51.8
TA = 25 °C
4.5 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
25
Single pulse avalanche energy
EAS
31.25
mJ
Maximum power dissipation
TC = 25 °C
PD
57
W
TC = 70 °C
36
TA = 25 °C
5 b, c
TA = 70 °C
3.2 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b
t
≤ 10 s
RthJA
20
25
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
1.7
2.2


Similar Part No. - SIR186DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR186LDP VISHAY-SIR186LDP Datasheet
240Kb / 9P
N-Channel 60 V (D-S) MOSFET
07-Dec-2020
SIR186LDP-T1-RE3 VISHAY-SIR186LDP-T1-RE3 Datasheet
240Kb / 9P
N-Channel 60 V (D-S) MOSFET
07-Dec-2020
More results

Similar Description - SIR186DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com