Electronic Components Datasheet Search
  English  ▼

X  

SIR404DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR404DP
Description  N-Channel 20 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR404DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR404DP Datasheet HTML 1Page - Vishay Siliconix SIR404DP Datasheet HTML 2Page - Vishay Siliconix SIR404DP Datasheet HTML 3Page - Vishay Siliconix SIR404DP Datasheet HTML 4Page - Vishay Siliconix SIR404DP Datasheet HTML 5Page - Vishay Siliconix SIR404DP Datasheet HTML 6Page - Vishay Siliconix SIR404DP Datasheet HTML 7Page - Vishay Siliconix SIR404DP Datasheet HTML 8Page - Vishay Siliconix SIR404DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiR404DP
www.vishay.com
Vishay Siliconix
S09-0873-Rev. A, 18-May-09
3
Document Number: 64815
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10Vthru 3V
VDS - Drain-to-Source Voltage (V)
0.0005
0.0009
0.0013
0.0017
0.0021
0.0025
0
16324864
80
VGS =10V
VGS =4.5 V
VGS =2.5 V
ID - Drain Current (A)
0
2
4
6
8
10
0
306090
120
150
ID =20A
VDS =15V
VDS =10V
VDS =5V
Qg - Total Gate Charge (nC)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
2000
4000
6000
8000
10 000
04
8
12
16
20
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =20A
VGS =2.5 V
VGS =10V
TJ - Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com