Electronic Components Datasheet Search
  English  ▼

X  

MAX6129AC/D21 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6129AC/D21
Description  Ultra-Low-Power Series Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6129AC/D21 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6129AC/D21 Datasheet HTML 8Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 9Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 10Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 11Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 12Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 13Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 14Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 15Page - Maxim Integrated Products MAX6129AC/D21 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ultra-Low-Power Series Voltage Reference
______________________________________________________________________________________
13
Applications Information
Input Bypassing
The MAX6129 does not require an input bypass capac-
itor. For improved transient performance, bypass the
input to ground with a 0.1µF ceramic capacitor. Place
the capacitor as close to IN as possible.
Load Capacitance
The MAX6129 does not require an output capacitor for
stability. The MAX6129 is stable driving capacitive
loads from 0 to 100pF and 0.1µF to 10µF when sourc-
ing current and from 0 to 0.4µF when sinking current. In
applications where the load or the supply can experi-
ence step changes, an output capacitor reduces the
amount of overshoot (undershoot) and improves the cir-
cuit’s transient response. Many applications do not
require an external capacitor, and the MAX6129 offers
a significant advantage in applications where board
space is critical.
Supply Current
The quiescent supply current of the series-mode
MAX6129 is very small, 5.25µA (max), and is very sta-
ble against changes in the supply voltage with only
1.5µA/V (max) variation with supply voltage. The
MAX6129 family draws load current from the input volt-
age source only when required, so supply current is not
wasted and efficiency is maximized at all input volt-
ages. This improved efficiency reduces power dissipa-
tion and extends battery life.
Output Thermal Hysteresis
Output thermal hysteresis is the change of output volt-
age at TA = +25°C before and after the device is
cycled over its entire operating temperature range.
Hysteresis is caused by differential package stress
appearing across the device.
Temperature Coefficient vs. Operating
Temperature Range for a 1LSB
Maximum Error
In a data converter application, the reference voltage of
the converter must stay within a certain limit to keep the
error in the data converter smaller than the resolution
limit through the operating temperature range. Figure 1
shows the maximum allowable reference voltage tem-
perature coefficient to keep the conversion error to less
than 1LSB, as a function of the operating temperature
range (TMAX - TMIN) with the converter resolution as a
parameter. The graph assumes the reference-voltage
temperature coefficient as the only parameter affecting
accuracy.
Pin Description
PIN
NAME
FUNCTION
1IN
Positive Voltage Supply
2
GND
Ground
3, 4
N.C.
Internally connected. Leave
unconnected or connect to ground.
5
OUT
Reference Output
TEMPERATURE
COEFFICIENT
(ppm/
°C)
110
100
16 BIT
14 BIT
12 BIT
10 BIT
8 BIT
0.01
0.1
10
100
1000
1
10,000
18 BIT
20 BIT
OPERATING TEMPERATURE RANGE (TMAX - TMIN) (
°C)
Figure 1. Temperature Coefficient vs. Operating Temperature Range for a 1LSB Maximum Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com