Electronic Components Datasheet Search
  English  ▼

X  

MAX6174BASA/V+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6174BASA/V+
Description  High-Precision Voltage References with Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6174BASA/V+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6174BASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX6174BASA/V+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
(VIN = +5V for VOUT = +2.5V, VIN = +15V for VOUT = 4.096V and VOUT = +10V, IOUT = 0, TA = +25°C, unless otherwise noted.)
0
60
20
40
80
100
LINE REGULATION vs. TEMPERATURE
(VOUT = 2.5V)
INPUT VOLTAGE (V)
0
20 25
5
10 15
30 35 40
TA = -40°C
TA = +125°C
TA = +25°C
-60
-40
-20
0
20
40
60
80
100
0
10
20
30
40
INPUT VOLTAGE (V)
LINE REGULATION
vs. TEMPERATURE (VOUT = 4.096V)
TA = +25°C
CLOAD = NO LOAD
TA = -40°C
TA = -10°C
TA = +65°C
TA = +100°C
TA = +125°C
toc7b
0
150
50
100
200
250
300
LINE REGULATION vs. TEMPERATURE
(VOUT = 10V)
INPUT VOLTAGE (V)
12
28
32
16
20
24
36
40
TA = -40°C
TA = +125°C
TA = +25°C
0.5
1.5
1.0
2.0
2.5
MINIMUM INPUT-OUTPUT DIFFERENTIAL
vs. SOURCE CURRENT (VOUT = 2.5V)
SOURCE CURRENT (mA)
0
12
16
4
8
20
TA = -40°C
TA = +125°C
TA = +25°C
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
SOURCE CURRENT (mA)
MINIMUM INPUT-OUTPUT DIFFERENTIAL
vs. SOURCING CURRENT (VOUT = 4.096V)
TA = -40°C
TA = +25°C
TA = +125°C
toc9a
0.5
1.5
1.0
2.0
2.5
MINIMUM INPUT-OUTPUT DIFFERENTIAL
vs. SOURCE CURRENT (VOUT = 10V)
SOURCE CURRENT (mA)
0
12
16
4
8
20
TA = -40°C
TA = +125°C
TA = +25°C
-140
-100
-120
-60
-80
-20
-40
0
0.001
0.1
1
0.01
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 2.5V)
FREQUENCY (kHz)
-120
-100
-60
-80
-20
-40
0
0.001
0.1
1
0.01
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 10V)
FREQUENCY (kHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
PSRR vs. FREQUENCY
VOUT = 4.096V
toc12a
Maxim Integrated │ 9
www.maximintegrated.com
MAX6173–MAX6177
High-Precision Voltage References with
Temperature Sensor
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com