Electronic Components Datasheet Search
  English  ▼

X  

HFCG-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # HFCG-2000
Description  High Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HFCG-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  HFCG-2000 Datasheet HTML 1Page - Mini-Circuits HFCG-2000 Datasheet HTML 2Page - Mini-Circuits HFCG-2000 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Low insertion loss, 0.9 dB typical
• Very good rejection, 50 dB typical
• Small size 2.0 mm x 1.25 mm
• Excellent Power handling, 4W
• Ceramic construction
Product Overview
HFCG-2000+ is a high pass filter with passband from 2100 MHz to 10000 MHz supporting a variety of applications.
This model provides 0.9 dB typical insertion loss over a wide band due to strategically constructed layout. Housed in
a tiny 0805 ceramic form factor with wraparound terminations, the filter is ideal for dense PCB layouts with minimal
performance variation due to parasitics.
Feature
Advantages
Small size, 2.0 mm x 1.25 mm
Accommodates tight space requirements for dense PCB layouts.
Wrap around termination
Provides excellent solderability and easy visual inspection capability.
LTCC construction
Provides a rugged package that is well suited for tough environments including high humidity and high
temperature extremes.
Ultra-wide pass band
This filter has a very wide passband from 2.1 GHz to 10 GHz.
Key Features
HFCG-2000+
50Ω
2100 to 10000 MHz
CASE STYLE: GE0805C-9
High Pass Filter
Ceramic
Page 1 of 3
Generic photo used for illustration purposes only


Similar Part No. - HFCG-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCG-2200+ MINI-HFCG-2200+ Datasheet
402Kb / 4P
High Pass Filter
REV. OR
HFCG-2500+ MINI-HFCG-2500+ Datasheet
413Kb / 4P
High Pass Filter
REV. B
HFCG-2750 MINI-HFCG-2750 Datasheet
703Kb / 3P
High Pass Filter
REV.A
HFCG-2750+ MINI-HFCG-2750+ Datasheet
703Kb / 3P
High Pass Filter
REV.A
More results

Similar Description - HFCG-2000

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
High Pass Filter
logo
Mini-Circuits
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
High Pass Filter
RHP-225 MINI-RHP-225 Datasheet
450Kb / 1P
High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
High Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com