Electronic Components Datasheet Search
  English  ▼

X  

529821 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 529821
Description  Soft start valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

529821 Datasheet(HTML) 1 Page - Festo Corporation.

  529821 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Soft start valve
MS6-DL-3/8
Part number: 529821
Data sheet
Feature
Value
Exhaust air function
With flow control option
Actuation type
Pneumatic
Mounting position
Any
Manual override
None
Structural design
Piston seat
Reset method
Mechanical spring
Type of control
Direct
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00991513
Valve function
2/2
Operating pressure
4 bar ... 18 bar
b-value
0.48
C value
21.05 l/sbar
Standard nominal flow rate
5050 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
650 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Housing material
Die-cast aluminum
3/31/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 529821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529823 FESTO-529823 Datasheet
85Kb / 2P
Shut off valve
3/27/22
529825 FESTO-529825 Datasheet
86Kb / 2P
Shut off valve
3/27/22
More results

Similar Description - 529821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529532 FESTO-529532 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
Soft start valve
3/31/22
532042 FESTO-532042 Datasheet
85Kb / 2P
Soft start valve
4/1/22
532049 FESTO-532049 Datasheet
86Kb / 2P
Soft start valve
4/1/22
532050 FESTO-532050 Datasheet
86Kb / 2P
Soft start valve
4/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com