Electronic Components Datasheet Search
  English  ▼

X  

PCN1-S Datasheet(PDF) 3 Page - CUI INC

Part # PCN1-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-S Datasheet(HTML) 3 Page - CUI INC

  PCN1-S Datasheet HTML 1Page - CUI INC PCN1-S Datasheet HTML 2Page - CUI INC PCN1-S Datasheet HTML 3Page - CUI INC PCN1-S Datasheet HTML 4Page - CUI INC PCN1-S Datasheet HTML 5Page - CUI INC PCN1-S Datasheet HTML 6Page - CUI INC PCN1-S Datasheet HTML 7Page - CUI INC PCN1-S Datasheet HTML 8Page - CUI INC PCN1-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 07/01/2021
│ page 3 of 9
CUI Inc
│ SERIES: PCN1-S │ DESCRIPTION: DC-DC CONVERTER
0.08 [2.1]
0.77 [19.5]
0.100 [2.54]
2
1
4
6
5
0.73 [18.5]
0.020[0.50]
2
1
4
6
5
0.020[0.50]
0.73 [18.5]
2
1
4
6
5
0.093 [2.35]
0.77[19.5]
0.100 [2.54]
0.300 [7.62]
0.8mm PLATED THROUGH HOLE
1.5mm PAD SIZE
Recommended PCB Layout
Top View
2
1
4
6
5
0.093 [2.35]
0.77[19.5]
0.100 [2.54]
0.300 [7.62]
0.8mm PLATED THROUGH HOLE
1.5mm PAD SIZE
Recommended PCB Layout
Top View
0.08 [2.1]
0.77 [19.5]
0.100 [2.54]
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
Time (Seconds)
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
units: inches [mm]
tolerance: X.XX ±0.01 [±0.25]
X.XXX ±0.005 [±0.13]
pin section tolerance: ±0.002[±0.05]
PIN CONNECTIONS
PIN
Function
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No pin
Common
6
+Vout
+Vout
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5, 12 Vdc input models: 0.77 x 0.24 x 0.40 [19.5 x 6.1 x 10.2 mm]
24 Vdc input models: 0.77 x 0.28 x 0.40 [19.5 x 7.2 x 10.2 mm]
inches
inches
case material
non-conductive black plastic
weight
24 Vdc input models
all other models
2.7
1.8
g
g
MECHANICAL DRAWING
24 Vdc input models
5, 12 Vdc input models
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com