Electronic Components Datasheet Search
  English  ▼

X  

CC2550 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2550 Datasheet HTML 9Page - Texas Instruments CC2550 Datasheet HTML 10Page - Texas Instruments CC2550 Datasheet HTML 11Page - Texas Instruments CC2550 Datasheet HTML 12Page - Texas Instruments CC2550 Datasheet HTML 13Page - Texas Instruments CC2550 Datasheet HTML 14Page - Texas Instruments CC2550 Datasheet HTML 15Page - Texas Instruments CC2550 Datasheet HTML 16Page - Texas Instruments CC2550 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 13 of 51
Details of each configuration register can be
found in section 33, starting on page 32.
Figure 4 shows a simplified state diagram that
explains the main
CC2550 states, together with
typical usage and current consumption. For
detailed information on controlling the
CC2550
state machine, and a complete state diagram,
see section 23, starting on page 23.
Transmit mode
IDLE
Manual freq.
synth. calibration
TX FIFO
underflow
Frequency
synthesizer on
SFSTXON
STX
STX
SFTX
SIDLE
SCAL
IDLE
TXOFF_MODE=00
SRX or STX or SFSTXON or wake-on-radio (WOR)
Sleep
SPWD or wake-on-radio (WOR)
Crystal
oscillator off
SXOFF
CSn=0
CSn=0
TXOFF_MODE=01
Frequency
synthesizer startup,
optional calibration,
settling
Optional freq.
synth. calibration
Default state when the radio is not
receiving or transmitting. Typ.
current consumption: 1.2mA.
Lowest power mode.
Register values are lost.
Typ. current consumption:
200nA.
All register values are
retained. Typ. current
consumption; 0.18mA.
Used for calibrating frequency
synthesizer upfront (entering
transmit mode can then be
done quicker). Transitional
state. Typ. current
consumption: 6.8mA.
Frequency synthesizer is turned on, can optionally be
calibrated, and then settles to the correct frequency.
Transitional state. Typ. current consumption: 4.7mA.
Frequency synthesizer is on,
ready to start transmitting.
Transmission starts very
quickly after receiving the
STX command strobe.Typ.
current consumption: 6.8mA.
Typ. current consumption:
12.8mA at -12dBm output,
16.4mA at -6dBm output,
22.8mA at 0dBm output.
Optional transitional state. Typ.
current consumption: 6.8mA.
In FIFO-based modes,
transmission is turned off and
this state entered if the TX
FIFO becomes empty in the
middle of a packet. Typ.
current consumption: 1.2mA.
Figure 4: Simplified state diagram, with typical usage and current consumption
16 Configuration Software
CC2550 can be configured using the SmartRF®
Studio software, available for download from
http://www.chipcon.com. The SmartRF® Studio
software is highly recommended for obtaining
optimum register settings, and for evaluating
performance and functionality. A screenshot of
the SmartRF® Studio user interface for
CC2550
is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com