Electronic Components Datasheet Search
  English  ▼

X  

PEM1-S Datasheet(PDF) 2 Page - CUI INC

Part # PEM1-S
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM1-S Datasheet(HTML) 2 Page - CUI INC

  PEM1-S Datasheet HTML 1Page - CUI INC PEM1-S Datasheet HTML 2Page - CUI INC PEM1-S Datasheet HTML 3Page - CUI INC PEM1-S Datasheet HTML 4Page - CUI INC PEM1-S Datasheet HTML 5Page - CUI INC PEM1-S Datasheet HTML 6Page - CUI INC PEM1-S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PEM1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/07/2021
│ page 2 of 7
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
2.97
4.5
10.8
13.5
21.6
3.3
5
12
15
24
3.63
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
-0.7
5
9
18
21
30
Vdc
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of 1%
3.3 Vdc output models
all other models
±1.5
±1.2
%
%
load regulation
measure from 10% load to full load
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
18
12
8
7
6
%
%
%
%
%
voltage accuracy
see tolerance envelope curve
voltage balance
dual output, balanced loads
±0.5
±1
%
switching frequency
at full load, nominal input voltage
100
kHz
temperature coefficient
at full load
±0.03
%/°C
PART NUMBER KEY
PEM1 - SXX - XXX -S
Input Voltage
Output Voltage
Packaging Style
Base Number
Output
S = single
D = dual
SIP
MODEL
(CONTINUED)
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PEM1-S24-S12-S1
24
21.6~26.4
12
9
83
1
60
81
PEM1-S24-S15-S1
24
21.6~26.4
15
7
67
1
60
81
PEM1-S24-S24-S1
24
21.6~26.4
24
5
42
1
60
81
PEM1-S24-D3-S
24
21.6~26.4
±3.3
±15
±152
1
60
73
PEM1-S24-D5-S1
24
21.6~26.4
±5
±10
±100
1
60
80
PEM1-S24-D12-S1
24
21.6~26.4
±12
±5
±42
1
60
81
PEM1-S24-D15-S1
24
21.6~26.4
±15
±4
±33
1
60
79
PEM1-S24-D24-S1
24
21.6~26.4
±24
±2
±21
1
60
80
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com