Electronic Components Datasheet Search
  English  ▼

X  

PES1-M Datasheet(PDF) 3 Page - CUI INC

Part # PES1-M
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PES1-M Datasheet(HTML) 3 Page - CUI INC

  PES1-M Datasheet HTML 1Page - CUI INC PES1-M Datasheet HTML 2Page - CUI INC PES1-M Datasheet HTML 3Page - CUI INC PES1-M Datasheet HTML 4Page - CUI INC PES1-M Datasheet HTML 5Page - CUI INC PES1-M Datasheet HTML 6Page - CUI INC PES1-M Datasheet HTML 7Page - CUI INC PES1-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PES1-M │ DESCRIPTION: DC-DC CONVERTER
date 08/11/2021
│ page 3 of 8
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
PES1-S5-S24-M, PES1-S5-D24-M and all 24 V
input models1
all other models: continuous, automatic recovery
1
s
Note:
1. If maximum protection time is exceeded input power must me cycled to restart device.
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
3,000
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
safety approvals2
certified to 62368-1: EN
certified to 60950-1: UL
conducted emissions
CISPR22/EN55022 class B (external circuit required, see Figure 1)
radiated emissions
CISPR22/EN55022 class B (external circuit required, see Figure 1)
ESD
IEC/EN61000-4-2, class B, contact ± 8kV for single outputs
IEC/EN61000-4-2, class B, contact ± 6kV for dual outputs
MTBF
as per MIL-HDBK-217F @ 25°C
3,500,000
hours
RoHS
2011/65/EU
Note:
2. See specific models noted on page 1 & 2.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load, Ta = 25°C
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
reflow soldering
see reflow soldering profile
245
°C
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com