Electronic Components Datasheet Search
  English  ▼

X  

PCM-24R2GL Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-24R2GL
Description  2-Port Gigabit Ethernet, Intel짰 I350, mPCIe, RJ45
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-24R2GL Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-24R2GL Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
PCM-24R2GL 2-PortGigabitEthernet,Intel®I350,
mPCIe, RJ45
NEW
RoHS
COMPLIANT
2002/95/EC
ƒ Meets Advantech Standard iDoor Technology
ƒ PCI Express® Mini Card Specification Revision 1.2 compliant
ƒ Supports 2 Gigabit Ethernet MAC Controller and PHY ports
ƒ Supports 32/64-bit Windows 7/8, Linux 2.4/2.6
ƒ Supports Embedded Automation PC UNO-2200/2400 series
ƒ Supports Control DIN-Rail PC UNO-1200/1300/1400 series
ƒ Supports Control Cabinet PC UNO-3200/3300/3400 series
ƒ Supports Control Panel Computers TPC-xx81/xx82 series
ƒ Supports Thin Client Panel Computers TPC-xx51 series
Specifications
General
ƒ
Bus Type
PCI Express Mini Card Revision 1.2
ƒ
Certification
CE, FCC class A
ƒ
Connectors
2 x RJ45
ƒ
Dimensions
Module: 51 x 30 x 12.4 mm (2" x 1.18" x 0.49")
I/O Plate: 81 x 19.4 x 41 mm (3.19" x 0.76" x 1.61")
Communications
ƒ
LAN Controller
Intel® I350-AM2 LAN Controller
ƒ
Speed
10/100/1000 Mbps
ƒ
No. of Ports
2 Gigabit Ethernet Media Access
Control (MAC) and physical layer (PHY) ports.
Power Requirements
ƒ
Power Consumption
Typical: +3.3 V @ 9 W
Protection
ƒ
Isolation Protection
1,600 VDC
ƒ
ESD Protection
4 KV (Contact),8 KV (Air)
ƒ
EFT Protection
1,000 V
Software
ƒ
OS Support
Microsoft® Windows® XP/7/8, Linux 2.4/2.6
Environment
ƒ
Operating Humidity
5 ~ 95% RH
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
Introduction
The PCM-24 series are categorized as communication modules from Advantech iDoor Technology. All of them are compatible with the PCI Express® Mini Card Specification Revision
1.2. including Isolated / Non-Isolated RS-232/422/485 communication cards for automation control, Wi-Fi /3G/GPS/GSM/LTE wireless communication models for data exchange
during the management and machine level of automation application, Zigbee module as an IoT terminal or controller and PoE function for smart camera in detect inspection application
of production. This is a flexible design that enables customers to customize their features which meet iDoor Technology.
Dimensions
Ordering Information
ƒ
PCM-24R2GL-AE
2-Port Gigabit Ethernet, Intel® I350, mPCIe, RJ45
I/O Plate
PCM-24R2GL
Module
51
76
5
81
200
11.2
Cable Length
M3
M3
All product specifications are subject to change without notice
Last updated : 27-Jul-2016


Similar Part No. - PCM-24R2GL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24R2GL ADVANTECH-PCM-24R2GL Datasheet
204Kb / 1P
2-Port Gigabit Ethernet, mPCIe, RJ45
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 2P
Class I, Division 2 Certified ACP Ready ThinClient
4-May-2021
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 2P
10.1" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
520Kb / 2P
12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
More results

Similar Description - PCM-24R2GL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIOE-220 ADVANTECH-MIOE-220_13 Datasheet
192Kb / 1P
3 x Intel짰 Gigabit Ethernet
PCIE-2001E ADVANTECH-PCIE-2001E_14 Datasheet
741Kb / 1P
Quad Port Fiber Gigabit Ethernet PCI Express Server Adapter with Intel짰 I350
PCM-26R2PN ADVANTECH-PCM-26R2PN_15 Datasheet
261Kb / 1P
2-Port Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45
PCM-24R1TP ADVANTECH-PCM-24R1TP_15 Datasheet
197Kb / 1P
1-Port Gigabit Ethernet, Intel짰 82574L,mPCIe, RJ45
PCM-24R2GL ADVANTECH-PCM-24R2GL_15 Datasheet
204Kb / 1P
2-Port Gigabit Ethernet, mPCIe, RJ45
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
240Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
PCM-24R1TP ADVANTECH-PCM-24R1TP Datasheet
209Kb / 1P
1-Port Gigabit Ethernet, Intel짰 82574L, mPCIe, RJ45
27-Jun-2018
MOS-2120-Z1201 ADVANTECH-MOS-2120-Z1201 Datasheet
263Kb / 1P
2-Port Gigabit Ethernet, Intel® I210, mPCIe, RJ45
26-Jun-2018
PCM-24R2PE ADVANTECH-PCM-24R2PE Datasheet
279Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
27-Jun-2018
PCM-26R2EC ADVANTECH-PCM-26R2EC Datasheet
418Kb / 1P
2-Port Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45
7-Jan-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com