Electronic Components Datasheet Search
  English  ▼

X  

10069 Datasheet(PDF) 20 Page - Texas Instruments

Part # 10069
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

10069 Datasheet(HTML) 20 Page - Texas Instruments

Back Button 10069 Datasheet HTML 16Page - Texas Instruments 10069 Datasheet HTML 17Page - Texas Instruments 10069 Datasheet HTML 18Page - Texas Instruments 10069 Datasheet HTML 19Page - Texas Instruments 10069 Datasheet HTML 20Page - Texas Instruments 10069 Datasheet HTML 21Page - Texas Instruments 10069 Datasheet HTML 22Page - Texas Instruments 10069 Datasheet HTML 23Page - Texas Instruments 10069 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 20 of 51
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
8 x n bits
16/32 bits
8
bits
8
bits
8 x n bits
16 bits
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
Figure 8: Packet Format
20.3 Packet Handling in Transmit Mode
The payload that is to be transmitted must be
written into the TX FIFO. The first byte written
must be the length byte when variable packet
length is enabled. The length byte has a value
equal to the payload of the packet (including
the optional address byte). If fixed packet
length is enabled, then the first byte written to
the TX FIFO is interpreted as the destination
address, if this feature is enabled in the device
that receives the packet.
The modulator will first send the programmed
number of preamble bytes. If data is available
in the TX FIFO, the modulator will send the
two-byte (optionally 4-byte) sync word and
then the payload in the TX FIFO. If CRC is
enabled, the checksum is calculated over all
the data pulled from the TX FIFO and the
result is sent as two extra bytes at the end of
the payload data.
If whitening is enabled, the length byte,
payload data and the two CRC bytes will be
whitened. This is done before the optional
FEC/Interleaver stage. Whitening is enabled
by setting PKTCTRL0.WHITE_DATA=1.
If FEC/Interleaving is enabled, the length byte,
payload data and the two CRC bytes will be
scrambled by the interleaver, and FEC
encoded before being modulated.
21 Modulation Formats
CC2550 supports amplitude, frequency and
phase shift modulation formats. The desired
modulation
format
is
set
in
the
MDMCFG2.MOD_FORMAT register.
Optionally, the data stream can be Manchester
coded by the modulator. This option is enabled
by
setting
MDMCFG2.MANCHESTER_EN=1.
Manchester encoding is not supported at the
same time as using the FEC/Interleaver
option. Manchester coding can be used with
the 2-ary modulation formats (2-FSK, GFSK,
OOK and MSK).
21.1 Frequency Shift Keying
2-FSK can optionally be shaped by a
Gaussian filter with BT=1, producing a GFSK
modulated signal.
The frequency deviation is programmed with
the DEVIATION_M and DEVIATION_E values
in the DEVIATN register. The value has an
exponent/mantissa form, and the resultant
deviation is given by:
E
DEVIATION
xosc
dev
M
DEVIATION
f
f
_
17
2
)
_
8
(
2
⋅
+
⋅
=
The symbol encoding is shown in Table 17.
Format
Symbol
Coding
2-FSK, GFSK
‘0’
– Deviation
‘1’
+ Deviation
Table 17: Symbol encoding for FSK
modulation
21.2 Minimum Shift Keying
When using MSK
1, the complete transmission
(preamble, sync word and payload) will be
MSK modulated.
Phase shifts are performed with a constant
transition time. This means that the rate of
change for the 180-degree transition is twice
that of the 90-degree transition.
1
Identical to offset QPSK with half-sine
shaping (data coding may differ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com