Electronic Components Datasheet Search
  English  ▼

X  

MAX5253BCAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5253BCAP
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253BCAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5253BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX5253BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
__________________General Description
The MAX5253 combines four low-power, voltage-output,
12-bit digital-to-analog converters (DACs) and four pre-
cision output amplifiers in a space-saving, 20-pin pack-
age. In addition to the four voltage outputs, each
amplifier’s negative input is also available to the user.
This facilitates specific gain configurations, remote
sensing, and high output drive capacity, making the
MAX5253 ideal for industrial-process-control applica-
tions. Other features include software shutdown, hard-
ware shutdown lockout, an active-low reset which clears
all registers and DACs to zero, a user-programmable
logic output, and a serial-data output.
Each DAC has a double-buffered input organized as an
input register followed by a DAC register. A 16-bit serial
word loads data into each input/DAC register. The serial
interface is compatible with SPI™/QSPI™ and
MICROWIRE™. It allows the input and DAC registers to
be updated independently or simultaneously with a sin-
gle software command. The DAC registers can be
simultaneously updated through the 3-wire serial inter-
face. All logic inputs are TTL/CMOS-logic compatible.
________________________Applications
Industrial Process Controls
Automatic Test Equipment
Digital Offset and Gain Adjustment
Motion Control
Remote Industrial Controls
Microprocessor-Controlled Systems
______________________________Features
o Four 12-Bit DACs with Configurable
Output Amplifiers
o +3.0V to +3.6V Single-Supply Operation
o Low Supply Current: 0.82mA Normal Operation
3µA Shutdown Mode
o Reference Inputs are High Impedance in Shutdown
o Available in 20-Pin SSOP
o Power-On Reset Clears all Registers and
DACs to Zero
o SPI/QSPI and MICROWIRE Compatible
o Simultaneous or Independent Control of DACs
Through 3-Wire Serial Interface
o User-Programmable Digital Output
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
________________________________________________________________ Maxim Integrated Products
1
MAX5253
OUTA
FBA
FBB
FBC
FBD
DAC A
DAC B
DAC C
DAC D
REFAB
DAC A
REGISTER A
DECODE
CONTROL
INPUT
REGISTER A
DAC B
REGISTER B
INPUT
REGISTER B
DAC C
REGISTER C
INPUT
REGISTER C
DAC D
REGISTER D
INPUT
REGISTER D
16-BIT
SHIFT
REGISTER
SR
CONTROL
LOGIC
OUTPUT
CS DIN SCLK
OUTB
OUTC
OUTD
DOUT
PDL
CL
VDD
AGND
DGND
UPO
REFCD
_________________________________________________________________________Functional Diagram
19-1123; Rev 1; 10/02
PART
MAX5253ACPP
MAX5253BCPP
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
_________________Ordering Information
Ordering Information continued at end of data sheet.
Pin Configuration appears at end of data sheet.
INL
(LSB)
±1/2
±1
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
MAX5253ACAP
MAX5253BCAP
0°C to +70°C
0°C to +70°C
20 SSOP
20 SSOP
±1/2
±1


Similar Part No. - MAX5253BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253BCAP MAXIM-MAX5253BCAP Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
More results

Similar Description - MAX5253BCAP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com