Electronic Components Datasheet Search
  English  ▼

X  

SMI10-USB Datasheet(PDF) 1 Page - CUI INC

Part # SMI10-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI10-USB Datasheet(HTML) 1 Page - CUI INC

  SMI10-USB Datasheet HTML 1Page - CUI INC SMI10-USB Datasheet HTML 2Page - CUI INC SMI10-USB Datasheet HTML 3Page - CUI INC SMI10-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 08/12/2021
page 1 of 4
SERIES: SMI10-USB
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• up to 10 W continuous power
• DoE Level VI, CoC Tier 2 efficiency
• no load power consumption < 0.075 W
• universal input voltage range
• interchangeable Ac blades for global use
• over voltage and short circuit protections
• UL/cUL, RCM, CCC, PSE safety approvals
• UL/EN/IEC 62368 certified
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMI10 - 5 - X - I38 - CXX
USB Type A Inlet
Output Voltage
Blades:
V = North America, Europe, United Kingdom,
Australia, and China blade included
N = North America blade included
E = Europe blade included
B = United Kingdom blade included
A = Australia blade included
C = China blade included
K = No blades included
MODEL
input
voltage
input
frequency
output
voltage
output
current
output
power
ripple
and
noise1
efficiency
level2
no load power
consumption
range
(Vac)
range
(Hz)
nom
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
average
(%)
10%
(%)
typ
(W)
SMI10-5-I38
90 ~ 264
47 ~ 63
5
2
10
300
80.9
76.6
0.06
Notes:
1.Atfullload,25°C,nominalinput,20MHzbandwidthoscilloscope,outputparallelwith0.1μFand10μFcapacitorstoground.
2. CoC Tier 2 compliant
Additional Resources: Product Page | 3D Model


Similar Part No. - SMI10-USB

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI10-USB CUI-SMI10-USB Datasheet
716Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - SMI10-USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com