Electronic Components Datasheet Search
  English  ▼

X  

SMI36 Datasheet(PDF) 2 Page - CUI INC

Part # SMI36
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI36 Datasheet(HTML) 2 Page - CUI INC

  SMI36 Datasheet HTML 1Page - CUI INC SMI36 Datasheet HTML 2Page - CUI INC SMI36 Datasheet HTML 3Page - CUI INC SMI36 Datasheet HTML 4Page - CUI INC SMI36 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 09/16/2021
│ page 2 of 5
CUI Inc
│ SERIES: SMI36 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
1
A
inrush current
at 230 Vac, full load, 25°C, cold start
70
A
leakage current
0.25
mA
no load power consumption
at115/230Vac
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
regulation
±5
%
hold-up time
at full load
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shut down
180
%
over current protection
outputshutdown,autorecovery
170
%
short circuit protection
outputshutdown,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
Vac
isolation resistance
input to output at 500 Vdc
10
MΩ
safetyapprovals
UL/cUL(60950-1,62368-1),RCM,CCC,PSE,UKCA
EMI/EMC
FCCPart15BClassB,CE
MTBF
asperTelcordiaSR-332,25°C
300,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
80
°C
operatinghumidity
non-condensing
20
80
%
storagehumidity
non-condensing
10
90
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com