Electronic Components Datasheet Search
  English  ▼

X  

SMM30-5 Datasheet(PDF) 3 Page - CUI INC

Part # SMM30-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMM30-5 Datasheet(HTML) 3 Page - CUI INC

  SMM30-5 Datasheet HTML 1Page - CUI INC SMM30-5 Datasheet HTML 2Page - CUI INC SMM30-5 Datasheet HTML 3Page - CUI INC SMM30-5 Datasheet HTML 4Page - CUI INC SMM30-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 03/10/2022
│ page 3 of 5
CUI Inc
│ SERIES: SMM30 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
73.6 x 42.8 x 32.5
mm
inlet plug
interchangeable blades (North America, Europe, UK, Australia, China)
weight
200
g
MECHANICAL DRAWING
units: mm
tolerance: ±1 mm
MODEL NO.
CABLE
CORD LENGTH
SMM30-5
UL 1185, 16 AWG
1,200 mm ±30
SMM30-6
UL 1185, 16 AWG
1,200 mm ±30
SMM30-9
UL 1185, 16 AWG
1,200 mm ±30
SMM30-12
UL 1185, 18 AWG
1,200 mm ±30
SMM30-15
UL 1185, 18 AWG
1,200 mm ±30
SMM30-18
UL 1185, 18 AWG
1,200 mm ±30
SMM30-24
UL 1185, 18 AWG
1,200 mm ±30
SMM30-36
UL 2468, 22 AWG
1,800 mm ±50
SMM30-48
UL 2468, 22 AWG
1,800 mm ±50
Table 1
DC CORD
units: mm
INTERCHANGEABLE BLADES
BLADE
DESIGNATOR
N
E
B
A
C
REGION
North
America
Europe
UK
Australia
China
BLADE
ACCESSORY
SMI-US-5
SMI-EU-5
SMI-UK-5
SMI-AU-5
SMI-CN-5
BLADE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com