Electronic Components Datasheet Search
  English  ▼

X  

197136 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 197136
Description  On off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

197136 Datasheet(HTML) 1 Page - Festo Corporation.

  197136 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
On off valve
HE-G1-LO
Part number: 197136
Data sheet
Feature
Value
Structural design
Piston gate valve
Actuation type
Manual
Sealing principle
Soft
Exhaust air function
Without flow control option
Manual override
None
Symbol
00991672
Valve function
3/2, bistable
Operating pressure
1 bar ... 10 bar
C value
38.47 l/sbar
b-value
0.47
Standard nominal flow rate
10000 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Corrosion resistance class (CRC)
3 - high corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Type of mounting
Line installation
With through-hole
Mounting position
Any
Flow direction
Non-reversible
Product weight
1000 g
Pneumatic connection 1
G1
Pneumatic connection 2
G1
Pneumatic connection 3
G1
Seals material
NBR
TPE-U(PU)
Housing material
Die-cast aluminum
PBT
4/1/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 197136

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1971360000 WEIDMULLER-1971360000 Datasheet
550Kb / 7P
SCZ 3.81/07/180F SN BK BX
More results

Similar Description - 197136

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
153991 FESTO-153991 Datasheet
98Kb / 1P
On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
On off valve
4/13/22
190873 FESTO-190873 Datasheet
110Kb / 1P
On off valve
4/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com