Electronic Components Datasheet Search
  English  ▼

X  

HD404094 Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD404094
Description  HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404094 Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD404094 Datasheet HTML 17Page - Hitachi Semiconductor HD404094 Datasheet HTML 18Page - Hitachi Semiconductor HD404094 Datasheet HTML 19Page - Hitachi Semiconductor HD404094 Datasheet HTML 20Page - Hitachi Semiconductor HD404094 Datasheet HTML 21Page - Hitachi Semiconductor HD404094 Datasheet HTML 22Page - Hitachi Semiconductor HD404094 Datasheet HTML 23Page - Hitachi Semiconductor HD404094 Datasheet HTML 24Page - Hitachi Semiconductor HD404094 Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
HD404054 Series/HD404094 Series
21
Timer A Interrupt Mask (IMTA: $001, Bit 3): Prevents (masks) an interrupt request caused by the
timer A interrupt request flag, as listed in table 8.
Table 8
Timer A Interrupt Mask (IMTA: $001, Bit 3)
IMTA
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer C Interrupt Request Flag (IFTC: $002, Bit 2): Set by overflow output from timer C, as listed in
table 9.
Table 9
Timer C Interrupt Request Flag (IFTC: $002, Bit 2)
IFTC
Interrupt Request
0No
1
Yes
Timer C Interrupt Mask (IMTC: $002, Bit 3): Prevents (masks) an interrupt request caused by the
timer C interrupt request flag, as listed in table 10.
Table 10
Timer C Interrupt Mask (IMTC: $002, Bit 3)
IMTC
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer D Interrupt Request Flag (IFTD: $003, Bit 0): Set by overflow output from timer D, or by the
rising or falling edge of signals input to EVND when the input capture function is used, as listed in table
11.
Table 11
Timer D Interrupt Request Flag (IFTD: $003, Bit 0)
IFTD
Interrupt Request
0No
1
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com