Electronic Components Datasheet Search
  English  ▼

X  

MAX1044ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1044ESA
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1044ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 12Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 13Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Paralleling Devices
Paralleling multiple MAX1044/ICL7660s reduces output
resistance and increases current capability. As illustrated
in Figure 13, each device requires its own pump capacitor
C1, but the reservoir capacitor C2 serves all devices. The
equation for calculating output resistance is:
OUT
OUT
R
(of MAX1044 or ICL7660)
R
n (number of devices)
=
Shutdown Schemes
Figures 14a–14c illustrate three ways of adding shutdown
capability to the MAX1044/ICL7660. When using these
circuits, be aware that the additional capacitive loading
on the OSC pin will reduce the oscillator frequency. The
first circuit has the least loading on the OSC pin and has
the added advantage of controlling shutdown with a high
or low logic level, depending on the orientation of the
switching diode.
Figure 14a-14c. Shutdown Schemes for MAX1044/ICL7660
Figure 13. Paralleling MAX1044/ICL7660 to Reduce Output
Resistance
*Contact factory for dice specifications. Dice are not tested.
**Contact factory for availability.
†The Maxim ICL7660 meets or exceeds all “A” and “S”
specifications.
MAX1044
ICL7660
+
4
3
VOUT = -(V+)
2
1
5
6
7
8
C2
C1
V+
MAX1044
ICL7660
4
3
2
1
5
6
7
8
C1
1
n
+
MAX1044
ICL7660
+
4
3
10µF
VOUT = -(V+)
10µF
CMOS or
TTL GATE
1N4148
V+
2
1
5
6
7
8
V+
10kΩ REQUIRED FOR TTL
74HC03
OPEN-DRAIN OR
74LS03
OPEN-COLLECTOR
NAND GATES
a)
b)
c)
V+
MAX1044
ICL7660
7
OUTPUT
ENABLE
74HC126 OR
74LS126
TRI-STATE BUFFER
V+
7
MAX1044
ICL7660
PART
TEMP. RANGE
PIN-PACKAGE
MAX1044CPA
0°C to +70°C
8 Plastic DIP
MAX1044CSA
0°C to +70°C
8 SO
MAX1044C/D+*
0°C to +70°C
Dice*
MAX1044EPA
-40°C to +85°C
8 Plastic DIP
MAX1044ESA
-40°C to +85°C
8 SO
MAX1044MJA
-55°C to +125°C
8 CERDIP**
ICL7660CPA
0°C to +70°C
8 Plastic DIP
ICL7660CSA
0°C to +70°C
8 SO
ICL7660CUA
0°C to +70°C
8 μMAX
ICL7660C/D
0°C to +70°C
Dice*
ICL7660EPA
-40°C to +85°C
8 Plastic DIP
ICL7660ESA
-40°C to +85°C
8 SO
ICL7660AMJA†
-55°C to +125°C
8 CERDIP**
ICL7660AMTV†
-55°C to +125°C
8 TO-99**
Ordering Information
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com