Electronic Components Datasheet Search
  English  ▼

X  

MAX1658C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1658C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1μF; COUT = 10μF tantalum; TA = +25°C; unless
otherwise noted.)
PIN
NAME
FUNCTION
1
SET
Output-Voltage Input. Connecting SET to ground selects the factory-preset 3.3V (MAX1658) or 5V (MAX1659)
output voltage. For an adjustable output voltage, connect SET to a resistive voltage-divider from OUT to GND.
2
SHDN
Shutdown Input. When SHDN is low, the device turns off and typically draws 0.1μA of supply current.
3, 6, 7
IN
Unregulated Input Supply Voltage, 2.7V to 16.5V input range. The IN pins also serve as heatsinks. Connect to
a copper plane to achieve maximum thermal dissipation.
4, 5
OUT
Regulated Output Voltage. Fixed or adjustable from 1.25V to 16V. Sources up to 350mA. For stable operation,
bypass with a 10μF, low-ESR (<0.2Ω) capacitor from OUT to GND. For improved load-transient response, use
a larger low-ESR capacitor.
8
GND
Ground
B
A
0V
3.3V
100µs/div
MAX1658 OVERSHOOT AND
TIME EXITING SHUTDOWN
MAX1658/59 toc14
A: OUTPUT VOLTAGE (1V/div)
B: SHDN PIN VOLTAGE (2V/div)
B
A
0V
5V
100µs/div
MAX1659 OVERSHOOT AND
TIME EXITING SHUTDOWN
MAX1658/59TOC15
A: OUTPUT VOLTAGE (2V/div)
B: SHDN PIN VOLTAGE (2V/div)
10ms/div
10Hz TO 100kHz NOISE, VOUT = 5V (1mV/div), IOUT = 165mA
OUTPUT NOISE
104
103
102
10
10
50k
OUTPUT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 5V
IOUT = 165mA
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com