Electronic Components Datasheet Search
  English  ▼

X  

SWI10-N Datasheet(PDF) 3 Page - CUI INC

Part # SWI10-N
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI10-N Datasheet(HTML) 3 Page - CUI INC

  SWI10-N Datasheet HTML 1Page - CUI INC SWI10-N Datasheet HTML 2Page - CUI INC SWI10-N Datasheet HTML 3Page - CUI INC SWI10-N Datasheet HTML 4Page - CUI INC SWI10-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 09/21/2020 page 3 of 5
CUI Inc SERIES: SWI10-N DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
max
units
dimensions
69 x 28.8 x 57.3
mm
inlet plug
North America, 2-pin
weight
90
g
MECHANICAL DRAWING
units: mm
DC CORD
MODEL NO.
CABLE
CORD LENGTH
SWI10-5-N
UL2468, 20 AWG
1,500 mm ±50
SWI10-12-N
UL2468, 22 AWG
1,500 mm ±50
units: mm
Table 1
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com