Electronic Components Datasheet Search
  English  ▼

X  

TPCF8402 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8402
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPCF8402
2003-08-18
1
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402
Portable Equipment Applications
Mortor Drive Applications
DC-DC Converter Applications
• Low drain-source ON resistance
: P Channel RDS (ON) = 60 mΩ (typ.)
N Channel RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance
: P Channel |Yfs| = 5.9 S (typ.)
N Channel |Yfs| = 6.8 S (typ.)
• Low leakage current
: P Channel IDSS = −10 µA (VDS = −30 V)
N Channel IDSS = 10 µA (VDS = 30 V)
• Enhancement−mode
: P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1mA)
N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
-30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
-3.2
4.0
Drain current
Pulse
(Note 1)
IDP
-12.8
16.0
A
Single-device operation
(Note 3a)
PD (1)
1.35
1.35
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single-device value at
dual operation(Note 3b)
PD (2)
1.12
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
0.53
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single-device value at
dual operation(Note 3b)
PD (2)
0.33
0.33
W
Single pulse avalanche energy(Note 4)
EAS
0.67
2.6
mJ
Avalanche current
IAR
-1.6
2.0
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) and (Note 6), please
refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1B
Weight: 0.011 g (typ.)
Circuit Configuration
Marking (Note 6)
8
1
5
4
F6B
1
2
3
4
8
7
6
5


Similar Part No. - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
More results

Similar Description - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
06-Jul-2004
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
06-Jul-2004
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Jul-2003
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Nov-2006
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Nov-2006
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
17-Nov-2006
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com