Electronic Components Datasheet Search
  English  ▼

X  

TM221ME16R Datasheet(PDF) 3 Page - Schneider Electric

Part # TM221ME16R
Description  Logic controller, Modicon M221, 16 IO relay Ethernet
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM221ME16R Datasheet(HTML) 3 Page - Schneider Electric

  TM221ME16R Datasheet HTML 1Page - Schneider Electric TM221ME16R Datasheet HTML 2Page - Schneider Electric TM221ME16R Datasheet HTML 3Page - Schneider Electric TM221ME16R Datasheet HTML 4Page - Schneider Electric TM221ME16R Datasheet HTML 5Page - Schneider Electric TM221ME16R Datasheet HTML 6Page - Schneider Electric TM221ME16R Datasheet HTML 7Page - Schneider Electric TM221ME16R Datasheet HTML 8Page - Schneider Electric TM221ME16R Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PWM
PLS
Counting input number
4 fast input (HSC mode) at 100 kHz 32 bits
Counter function
Single phase
A/B
Pulse/direction
Integrated connection type
USB port with mini B USB 2.0 connector
Non isolated serial link serial 1 with RJ45 connector and RS232/RS485 interface
Ethernet with RJ45 connector
Supply
(serial 1)serial link supply: 5 V, <200 mA
Transmission rate
1.2...115.2 kbit/s (115.2 kbit/s by default) for bus length of 15 m for RS485
1.2...115.2 kbit/s (115.2 kbit/s by default) for bus length of 3 m for RS232
480 Mbit/s for USB
Communication port protocol
USB port: USB - SoMachine-Network
Non isolated serial link: Modbus master/slave - RTU/ASCII or SoMachine-Network
Ethernet
Port Ethernet
10BASE-T/100BASE-TX 1 port with 100 m copper cable
Communication service
DHCP client
Modbus TCP slave device
Ethernet/IP adapter
Modbus TCP client
Modbus TCP server
Local signalling
1 LED (green) for PWR
1 LED (green) for RUN
1 LED (red) for module error (ERR)
1 LED (green) for SD card access (SD)
1 LED (red) for BAT
1 LED per channel (green) for I/O state
1 LED (green) for SL
Ethernet network activity (green) for ACT
Ethernet network link (yellow) for Link (Link Status)
Electrical connection
terminal block, 3 terminal(s) for connecting the 24 V DC power supply
connector, 4 terminal(s) for analogue inputs
Mini B USB 2.0 connector for a programming terminal
removable screw terminal block, 10 terminal(s) for inputs
removable screw terminal block, 11 terminal(s) for outputs
Maximum cable distance
between devices
Shielded cable: <10 m for fast input
Unshielded cable: <30 m for output
Unshielded cable: <30 m for digital input
Unshielded cable: <1 m for analog input
Shielded cable: <3 m for fast output
Insulation
Between input and internal logic at 500 V AC
Between fast input and internal logic at 500 V AC
Non-insulated between inputs
Between output and internal logic at 500 V AC
Between output groups at 500 V AC
Non-insulated between analogue input and internal logic
Non-insulated between analogue inputs
Marking
CE
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
plate or panel with fixing kit
Height
90 mm
Depth
70 mm
Width
70 mm
Net weight
0.264 kg
Environment
Standards
EN/IEC 61010-2-201
EN/IEC 61131-2
EN/IEC 60664-1
Product certifications
LR
cULus
CSA
DNV-GL
RCM
EAC
ABS
IACS E10
Mar 23, 2022
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com