Electronic Components Datasheet Search
  English  ▼

X  

KCXXXCS Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # KCXXXCS
Description  KCXXXCS Series 10KA Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KCXXXCS Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  KCXXXCS Datasheet HTML 1Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 2Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 3Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 4Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KCXXXCS Series 10KA Transient Voltage Suppressor
Revision In November 26, 2020
1 / 5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KCXXXCS Series
SOCAY Electronics Corp., Ltd.
www.socay.com
The KCXXXCS series of high current bi-directional transient
suppressors are designed for A.C.line protection and high
power DC bus clamping applications.They provide a clamping
voltagfe lower than the avalanche voltage.any voltage rise
due to increased current conduction is contained to a
minimum,Providing the best possible protection level.They
can also be connected in series and/or parallel to create very
high capacity protecyion solutions.
Halogen-free
Bi-directional
Low slope resistance
Very low clamping voltage
Sharp breakdown voltage
RoHS compliant
Glass passivated junction
High power TVS with compact design in surface
Mount package
plastic package has underwriters laboratory f
lammmability 94V-0P
Ideal for automatic pick and place assembly and
reflow process to reduce the manufacturing cost
And increase the soldering quality compared to
axial leads package
Plastic pa
Parameter
Symbol
Value
Unit
Peak current rating per 8/20μs IEC 61000-4-5
IPP
10
KA
Operating junction temperature range
TJ
-55 to +125
℃
Operating storage temperature range
TSTG
-55 to +150
℃
Description
Absolute Maximum Ratings (TA= 25℃RH=45%-75% nless otherwise specified)
Description


Similar Part No. - KCXXXCS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KCX-T46-85DA KODENSHI-KCX-T46-85DA Datasheet
116Kb / 1P
Single mode 850 VCSEL
logo
KIA Semiconductor Techn...
KCX3560A KIA-KCX3560A Datasheet
140Kb / 5P
76A竊?00V N-CHANNEL MOSFET
KCX3650A KIA-KCX3650A Datasheet
165Kb / 5P
60A竊?00V N-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KCX491A KEXIN-KCX491A Datasheet
42Kb / 1P
NPN Silicon Planar Medium Power Transistor
KCX51 KEXIN-KCX51 Datasheet
952Kb / 2P
PNP Transistors
More results

Similar Description - KCXXXCS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
AK10-015C HUAXINAN-AK10-015C Datasheet
348Kb / 2P
8x20uS 10KA Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com