Electronic Components Datasheet Search
  English  ▼

X  

SP3485 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3485
Description  RS-485 RS422 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP3485 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP3485 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3485 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Figure 5 Receiver Enable/OFF Timing Test
Typical application circuit
Figure 6 Typical Application Diagram
Transceivers are designed for bidirectional data communication on multi-point bus
transmission lines. Figure 6 shows a typical network application power Road These devices
can also be used as linear transponders with cable lengths longer than 4000 feet. In order to
reduce reflection, terminal matching should be performed at both ends of the transmission line
with their characteristic impedances, and the length of branch connections other than the trunk
line should be as short as possible.
1k
V DD
Test point
CRL
15pF
1k
S1
S2
Receiver
output
SP3485
www.leiditech.com
Rev 1.6 :01.01.2022
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com