Electronic Components Datasheet Search
  English  ▼

X  

WA-2 Datasheet(PDF) 1 Page - Festo Corporation.

Part # WA-2
Description  Condensate drain
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

WA-2 Datasheet(HTML) 1 Page - Festo Corporation.

  WA-2 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Condensate drain
WA-2
Part number: 152810
Data sheet
Feature
Value
Actuation type
Mechanical
Mounting position
Vertical +/- 5°
Manual override
Non-detenting
Condensate drain
Fully automatic
Structural design
Fully automatic external mechanics
Measured variable
Fill level
Valve function
2/2, open, monostable
Operating pressure
1.5 bar ... 14 bar
Operating medium
Water
Storage temperature
-20 °C ... 60 °C
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Product weight
92 g
Type of mounting
Line installation
Condensate drain connection
PK-4
Pneumatic connection
M9
Note on materials
Contains paint-wetting impairment substances
Housing material
Wrought aluminum alloy
4/5/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - WA-2

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
WA-00200A-C-P-1-AA-00 COHERENT-WA-00200A-C-P-1-AA-00 Datasheet
1Mb / 12P
Family of Optical Spectrum Analyzers
WA-00200A-C-P-4-AA-00 COHERENT-WA-00200A-C-P-4-AA-00 Datasheet
1Mb / 12P
Family of Optical Spectrum Analyzers
WA-00400A-C-S-1-AA-00 COHERENT-WA-00400A-C-S-1-AA-00 Datasheet
829Kb / 2P
WAVEANALYZER 400A
WA-00400A-C-S-1-AA-00 COHERENT-WA-00400A-C-S-1-AA-00 Datasheet
1Mb / 12P
Family of Optical Spectrum Analyzers
WA-00400A-C-S-6-AA-00 COHERENT-WA-00400A-C-S-6-AA-00 Datasheet
1Mb / 12P
Family of Optical Spectrum Analyzers
More results

Similar Description - WA-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
Fuji Electric
EDS8-42H FUJI-EDS8-42H Datasheet
210Kb / 6P
STOP VALVE & CONDENSATE CHAMBER
logo
New Jersey Semi-Conduct...
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
open drain output
logo
Panasonic Semiconductor
MIP2E5DMY PANASONIC-MIP2E5DMY Datasheet
191Kb / 3P
Control Source Drain
logo
Festo Corporation.
158497 FESTO-158497 Datasheet
59Kb / 1P
Condensate drain
4/5/22
538679 FESTO-538679 Datasheet
75Kb / 2P
Condensate drain
4/5/22
538680 FESTO-538680 Datasheet
75Kb / 2P
Condensate drain
4/5/22
538681 FESTO-538681 Datasheet
75Kb / 2P
Condensate drain
4/5/22
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com