Electronic Components Datasheet Search
  English  ▼

X  

538680 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 538680
Description  Condensate drain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538680 Datasheet(HTML) 1 Page - Festo Corporation.

  538680 Datasheet HTML 1Page - Festo Corporation. 538680 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condensate drain
PWEA-AC-7A
Part number: 538680
Data sheet
Feature
Value
Actuation type
Electrical
Mounting position
Vertical +/- 5°
Manual override
Non-detenting
Condensate drain
Fully automatic
Structural design
Fully automatic external electrics
Measured variable
Fill level
Valve function
3/2, closed, monostable
Control elements
Touch sensitive keyboard
With test button
Ready status indication
LED
Switching status indication
LED
Operating pressure
0.8 bar ... 16 bar
Alarm output
Contact-based
Nominal operating voltage AC
230 V
Nominal power of condensate drain
2 VA
Mains frequency
50 Hz ... 60 Hz
Certification
C-Tick
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK instructions for electrical equipment
To UK RoHS instructions
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
Temperature of medium
1 °C ... 60 °C
Degree of protection
IP65
as per IEC 60529
Protection class
III
Ambient temperature
1 °C ... 60 °C
Product weight
700 g
Electrical connection
Screw terminal
Type of mounting
Line installation
Condensate drain connection
PK-8
Pneumatic connection
G1/2
4/5/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 538680

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
538681 FESTO-538681 Datasheet
75Kb / 2P
Condensate drain
4/5/22
More results

Similar Description - 538680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
Fuji Electric
EDS8-42H FUJI-EDS8-42H Datasheet
210Kb / 6P
STOP VALVE & CONDENSATE CHAMBER
logo
New Jersey Semi-Conduct...
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
open drain output
logo
Panasonic Semiconductor
MIP2E5DMY PANASONIC-MIP2E5DMY Datasheet
191Kb / 3P
Control Source Drain
logo
Festo Corporation.
152810 FESTO-152810 Datasheet
59Kb / 1P
Condensate drain
4/5/22
158497 FESTO-158497 Datasheet
59Kb / 1P
Condensate drain
4/5/22
538679 FESTO-538679 Datasheet
75Kb / 2P
Condensate drain
4/5/22
538681 FESTO-538681 Datasheet
75Kb / 2P
Condensate drain
4/5/22
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com