Electronic Components Datasheet Search
  English  ▼

X  

552172 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552172
Description  Desiccant air dryer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552172 Datasheet(HTML) 1 Page - Festo Corporation.

  552172 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Desiccant air dryer
PDAD-22-G3/8
Part number: 552172
Data sheet
Feature
Value
Mounting position
Vertical
Horizontal
Structural design
Cold-regenerating adsorption dryer
Symbol
00992135
Inlet pressure 1
4 bar ... 16 bar
KC characters
KC EMC
CE marking (see declaration of conformity)
as per EU pressure equipment directive
As per EU EMC directive
As per EU low voltage directive
Operating medium
Compressed air as per ISO 8573-1:2010 [6:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Pressure dew point
-40 °C
Pressure dew point for reduced rate of flow
-70 °C
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-20 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [2:1:2] at -70°C
Compressed air as per ISO 8573-1:2010 [2:2:2] at -40°C
Temperature of medium
2 °C ... 50 °C
Ambient temperature
5 °C ... 50 °C
Product weight
16500 g
Type of mounting
With accessories
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Note on materials
RoHS-compliant
Housing material
Wrought aluminum alloy
4/1/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 552172

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55217-0671 MOLEX7-55217-0671 Datasheet
481Kb / 5P
0.80mm (.031") Pitch Flat Cable Plug, Vertical, 60 Circuits
logo
Festo Corporation.
552170 FESTO-552170 Datasheet
85Kb / 1P
Desiccant air dryer
4/1/22
552171 FESTO-552171 Datasheet
84Kb / 1P
Desiccant air dryer
4/1/22
552173 FESTO-552173 Datasheet
85Kb / 1P
Desiccant air dryer
4/1/22
552174 FESTO-552174 Datasheet
73Kb / 1P
Desiccant air dryer
4/1/22
More results

Similar Description - 552172

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
543633 FESTO-543633 Datasheet
71Kb / 1P
Membrane air dryer
4/1/22
543654 FESTO-543654 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
543655 FESTO-543655 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
543657 FESTO-543657 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543660 FESTO-543660 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
552170 FESTO-552170 Datasheet
85Kb / 1P
Desiccant air dryer
4/1/22
552171 FESTO-552171 Datasheet
84Kb / 1P
Desiccant air dryer
4/1/22
552173 FESTO-552173 Datasheet
85Kb / 1P
Desiccant air dryer
4/1/22
552174 FESTO-552174 Datasheet
73Kb / 1P
Desiccant air dryer
4/1/22
552175 FESTO-552175 Datasheet
72Kb / 1P
Desiccant air dryer
4/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com