Electronic Components Datasheet Search
  English  ▼

X  

VGS-150D Datasheet(PDF) 4 Page - CUI INC

Part # VGS-150D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150D Datasheet(HTML) 4 Page - CUI INC

  VGS-150D Datasheet HTML 1Page - CUI INC VGS-150D Datasheet HTML 2Page - CUI INC VGS-150D Datasheet HTML 3Page - CUI INC VGS-150D Datasheet HTML 4Page - CUI INC VGS-150D Datasheet HTML 5Page - CUI INC VGS-150D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 02/01/2022
│ page 4 of 6
CUI Inc
│ SERIES: VGS-150D │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
179 × 99 × 30
mm
weight
500
g
cooling
natural convection
case material
metal (AL1100, SGCC)
MECHANICAL DRAWING
units: mm [inch]
tolerance: ±1.0 [±0.039]
wire range: 22-12 AWG
connector tightening torque: M3.5, 0.8 N·m
CN1: KANGDAO TJC3-NAWD-2P
PIN
FUNCTION
CONNECTOR
TERMINAL
1
RC+
KANGDAO
XI-25001-2Y
KANGDAO
XH2.54-TE
2
RC-
POSITION
SCREW
SPEC
L (MAX)
TORQUE
(MAX)
1 ~ 6
M4
4mm
0.9N·m
PIN CONNECTIONS
PIN
Function
1
+Vo
2
+Vo
3
-Vo
4
-Vo
5
6
AC(N)
7
AC(L)
Note: At least one hole position,
1 ~ 6 , must be securely connected
to Protective Earth (PE).
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com