Electronic Components Datasheet Search
  English  ▼

X  

VHB50W Datasheet(PDF) 3 Page - CUI INC

Part # VHB50W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB50W Datasheet(HTML) 3 Page - CUI INC

  VHB50W Datasheet HTML 1Page - CUI INC VHB50W Datasheet HTML 2Page - CUI INC VHB50W Datasheet HTML 3Page - CUI INC VHB50W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHB50W │ DESCRIPTION: DC-DC CONVERTER
date 04/01/2013
│ page 3 of 4
(7 PLCS)
0.040
12.70 0.500
0.080
0.181
4.60
(2 PLCS)
2.03
1.02
R1.50 0.059
(2 PLCS)
8
9
7
6
1
2
4
3
M3X0.5 THROUGH
(4 PLCS)
5
(2 PLCS)
2.000
50.80
2.280
57.90
15.24 0.600
(2 PLCS)
61.00 2.402
48.25 1.900
35.56 1.400
(2 PLCS)
BOTTOM VIEW
MECHANICAL DRAWING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
57.9 x 61.0 x 12.7 (2.28 x 2.40 x 0.5 inch)
mm
case material
aluminum
weight
94
g
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
On/Off
3
CASE
4
-Vin
5
-Vo
6
-S
7
TRIM
8
+S
9
+Vo
units: mm [inches]
tolerance: ±0.25mm [±0.01 inches]
pin tolerance: ±0.5mm [±0.02 inches]
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com