Electronic Components Datasheet Search
  English  ▼

X  

TFS71F Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS71F
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS71F Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS71F Datasheet HTML 1Page - Vectron International, Inc TFS71F Datasheet HTML 2Page - Vectron International, Inc TFS71F Datasheet HTML 3Page - Vectron International, Inc TFS71F Datasheet HTML 4Page - Vectron International, Inc TFS71F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs71f.doc
Version 2.2
16.04.2003
VI TELEFILTER
Filter Specification
TFS 71 F
2/5
TELEFILTER GmbH
.
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction and Pin Configuration
(All Dimensions in mm)
19 -0,10
+0,20
1
1,91
7,62
1,02
1
5
6
10
TFS 71 F
R12
1
Input
2
Ground
3
Ground
4
Ground
5
Output RF-return
6
Output
7
Ground
8
Ground
9
Ground
10
Input RF-return
Date code
Year+month
N
2001
P
2002
R
2003
...
50
Matching Network
L2
Output
50 Ohm
C2
Input
50 Ohm
C1
L1
SAW
2,3,4,7,8,9
6
1
10
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com