Electronic Components Datasheet Search
  English  ▼

X  

LTC4210 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4210
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4210 Datasheet(HTML) 2 Page - Analog Devices

  LTC4210 Datasheet HTML 1Page - Analog Devices LTC4210 Datasheet HTML 2Page - Analog Devices LTC4210 Datasheet HTML 3Page - Analog Devices LTC4210 Datasheet HTML 4Page - Analog Devices LTC4210 Datasheet HTML 5Page - Analog Devices LTC4210 Datasheet HTML 6Page - Analog Devices LTC4210 Datasheet HTML 7Page - Analog Devices LTC4210 Datasheet HTML 8Page - Analog Devices LTC4210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT4239
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VCC......................................................... –0.3V to 25V
Input Voltages
DRAIN, IBOOST, UV............................... –0.3V to 25V
OUT, OUTK, SENSE1, SENSE2 ............... –0.3V to 30V
CBTMR, STMR ........................................ –0.3V to 5V
VCC – DRAIN............................................... –5V to 5V
VCC – SENSE1, VCC – SENSE2 .................–10V to 25V
VCC – OUT, VCC – OUTK...........................–10V to 25V
VCC – GATE1, VCC – GATE2......................–10V to 25V
SENSE2 – OUTK ......................................... –5V to 5V
GATE1 – OUT, GATE2 – OUT (Note 3).... –0.3V to 10V
IDRAIN...................................................................2mA
Output Voltages
IMON ....................................................... –0.3V to 6V
FLT, PG................................................... –0.3V to 25V
GATE1, GATE2 (Note 3).......................... –0.3V to 40V
Operating Junction Temperature Range
LT4239A............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
IMON
IBOOST
GND
PG
FLT
CBTMR
UV
STMR
OUT
OUTK
SENSE2
SENSE1
GATE2
GATE1
DRAIN
VCC
TOP VIEW
DE PACKAGE
16-LEAD (4mm × 3mm) PLASTIC DFN
θJA = 40°C/W (NOTE 4)
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4239ADE#PBF
4239
16-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com