Electronic Components Datasheet Search
  English  ▼

X  

SISA01DN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SISA01DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA01DN Datasheet(HTML) 5 Page - Vishay Siliconix

  SISA01DN Datasheet HTML 1Page - Vishay Siliconix SISA01DN Datasheet HTML 2Page - Vishay Siliconix SISA01DN Datasheet HTML 3Page - Vishay Siliconix SISA01DN Datasheet HTML 4Page - Vishay Siliconix SISA01DN Datasheet HTML 5Page - Vishay Siliconix SISA01DN Datasheet HTML 6Page - Vishay Siliconix SISA01DN Datasheet HTML 7Page - Vishay Siliconix SISA01DN Datasheet HTML 8Page - Vishay Siliconix SISA01DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SiSA01DN
www.vishay.com
Vishay Siliconix
S17-1370-Rev. A, 04-Sep-17
5
Document Number: 76198
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating a
Power, Junction-to-Case
Power, Junction-to-Ambient
Note
a. The power dissipation PD is based on TJ max. = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit
10
100
1000
10000
0
20
40
60
80
100
0
306090
120
150
Axis Title
T
C - Case Temperature (°C)
2nd line
Package limited
10
100
1000
10000
0
13
26
39
52
65
025
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
10
100
1000
10000
0
0.4
0.8
1.2
1.6
2.0
025
50
75
100
125
150
Axis Title
T
A - Ambient Temperature (°C)
2nd line



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com