Electronic Components Datasheet Search
  English  ▼

X  

SISA14DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISA14DN
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA14DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISA14DN Datasheet HTML 1Page - Vishay Siliconix SISA14DN Datasheet HTML 2Page - Vishay Siliconix SISA14DN Datasheet HTML 3Page - Vishay Siliconix SISA14DN Datasheet HTML 4Page - Vishay Siliconix SISA14DN Datasheet HTML 5Page - Vishay Siliconix SISA14DN Datasheet HTML 6Page - Vishay Siliconix SISA14DN Datasheet HTML 7Page - Vishay Siliconix SISA14DN Datasheet HTML 8Page - Vishay Siliconix SISA14DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiSA14DN
www.vishay.com
Vishay Siliconix
S18-0847-Rev. B, 20-Aug-2018
1
Document Number: 63252
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
•DC/DC conversion
• Synchronous rectification
• Synchronous buck converter
• DC/AC inverter
Notes
a. Surface mounted on 1" x 1" FR4 board
b. t = 10 s
c. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
e. Maximum under steady state conditions is 81 °C/W
f. Based on TC = 25 °C
g. Package limited
PRODUCT SUMMARY
VDS (V)
30
RDS(on) max. () at VGS = 10 V
0.00510
RDS(on) max. () at VGS = 4.5 V
0.00850
Qg typ. (nC)
9.4
ID (A)
20 f, g
Configuration
Single
PowerPAK® 1212-8 Single
Top View
1
3.3
mm
3.3
mm
Bottom View
1
S
1
S
2
S
3
S
4
G
D
8
D
7
D
6
D
5
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK 1212-8
Lead (Pb)-free and halogen-free
SiSA14DN-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
30
V
Gate-source voltage
VGS
+20 / -16
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
20 g
A
TC = 70 °C
20 g
TA = 25 °C
19.7 a, b
TA = 70 °C
10.4 a, b
Pulsed drain current (t = 300 μs)
IDM
80
Continuous source-drain diode current
TC = 25 °C
IS
20 g
TA = 25 °C
3.2 a, b
Single pulse avalanche current
L = 0.1 mH
IAS
15
Single pulse avalanche energy
EAS
11.25
mJ
Maximum power dissipation
TC = 25 °C
PD
26.5
W
TC = 70 °C
17
TA = 25 °C
3.57 a, b
TA = 70 °C
2.3 a, b
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c, d
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient a, e
t
 10 s
RthJA
28
35
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
3.8
4.7


Similar Part No. - SISA14DN

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SISA14DN TFUNK-SISA14DN Datasheet
544Kb / 13P
N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SISA14DN VISHAY-SISA14DN Datasheet
552Kb / 13P
N-Channel 30 V (D-S) MOSFET
24-Dec-12
More results

Similar Description - SISA14DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com